| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GWIXP420BBT bảng dữ liệu(PDF) 66 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
GWIXP420BBT bảng dữ liệu(HTML) 66 Page - Intel Corporation |
|
66 / 134 page ![]() Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor March 2005 Datasheet 66 Document Number: 252479, Revision: 005 AE1 ETH_RXDATA0[3] AF1 ETH_RXDATA0[2] AE2 VCCP AF2 ETH_MDIO AE3 ETH_COL0 AF3 (Reserved) AE4 ETH_TXEN1 AF4 ETH_TXDATA1[3] AE5 VCCP AF5 ETH_TXCLK1 AE6 ETH_RXDV1 AF6 ETH_RXDATA1[0] AE7 VSS AF7 ETH_CRS1 AE8 ETH_COL1 AF8 VSSOSC AE9 VCCP AF9 OSC_IN AE10 VCCPLL1 AF10 VSSOSCP AE11 VSS AF11 OSC_OUT AE12 VCCPLL2 AF12 VCCOSC AE13 VCCP AF13 BYPASS_CLK AE14 N/C AF14 N/C AE15 VSS AF15 N/C AE16 N/C AF16 N/C AE17 VCCP AF17 N/C AE18 N/C AF18 N/C AE19 VSS AF19 N/C AE20 N/C AF20 N/C AE21 VCCP AF21 N/C AE22 N/C AF22 N/C AE23 VCCP AF23 N/C AE24 JTG_TDI AF24 N/C AE25 VCCP AF25 JTG_TMS AE26 HIGHZ_N AF26 JTG_TCK Table 22. Ball Map Assignment for the Intel® IXP422 Network Processor (Sheet 7 of 7) Ball Signal Ball Signal Ball Signal Ball Signal Note: Interfaces not being utilized at a system level require external pull-up or pull-down resistors. For specific details and requirements, see Section 3.0, “Functional Signal Descriptions” on page 33. |