| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GWIXP425BCT bảng dữ liệu(PDF) 77 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
GWIXP425BCT bảng dữ liệu(HTML) 77 Page - Intel Corporation |
|
77 / 134 page ![]() Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor Datasheet March 2005 Document Number: 252479, Revision: 005 77 N1 PCI_AD[11] P1 PCI_CBE_N[0] R1 PCI_AD[10] T1 PCI_AD[6] N2 VCCP P2 PCI_AD[14] R2 VSS T2 PCI_TRDY_N N3 VCC P3 PCI_AD[13] R3 PCI_AD[9] T3 VSS N4 PCI_PERR_N P4 VSS R4 VCC T4 PCI_AD[2] N5 PCI_AD[15] P5 PCI_AD[12] R5 PCI_AD[4] T5 VCCP N11 VSS P11 VSS R11 VSS T11 VSS N12 VSS P12 VSS R12 VSS T12 VSS N13 VSS P13 VSS R13 VSS T13 VSS N14 VSS P14 VSS R14 VSS T14 VSS N15 VSS P15 VSS R15 VSS T15 VSS N16 VSS P16 VSS R16 VSS T16 VSS N22 VCC P22 EX_DATA[6] R22 VCCP T22 EX_RDY_N[0] N23 VSS P23 EX_DATA[7] R23 VCC T23 VSS N24 VCC P24 EX_DATA[8] R24 EX_DATA[12] T24 EX_DATA[14] N25 EX_DATA[4] P25 VCCP R25 EX_DATA[11] T25 VSS N26 EX_DATA[5] P26 EX_DATA[9] R26 EX_DATA[10] T26 EX_DATA[13] Table 24. Ball Map Assignment for the Intel® IXP420 Network Processor and Intel® IXC1100 Control Plane Processor (Sheet 4 of 7) Ball Signal Ball Signal Ball Signal Ball Signal Note: Interfaces not being utilized at a system level require external pull-up or pull-down resistors. For specific details and requirements, see Section 3.0, “Functional Signal Descriptions” on page 33. |