| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSYT67B-R2S2-1+S2T2-26 bảng dữ liệu(PDF) 13 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
LSYT67B-R2S2-1+S2T2-26 bảng dữ liệu(HTML) 13 Page - ams AG |
|
13 / 15 page ![]() LSY T67B 2012-11-14 13 Trockenverpackung und Materialien Dry Packing Process and Materials Anm.: Feuchteempfindliche Produkte sind verpackt in einem Trockenbeutel zusammen mit einem Trockenmittel und einer Feuchteindikatorkarte Bezüglich Trockenverpackung finden Sie weitere Hinweise im Internet und in unserem Short Form Catalog im Kapitel “Gurtung und Verpackung” unter dem Punkt “Trockenverpackung”. Hier sind Normenbezüge, unter anderem ein Auszug der JEDEC-Norm, enthalten. Note: Moisture-senisitve product is packed in a dry bag containing desiccant and a humidity card. Regarding dry pack you will find further information in the internet and in the Short Form Catalog in chapter “Tape and Reel” under the topic “Dry Pack”. Here you will also find the normative references like JEDEC. Kartonverpackung und Materialien Transportation Packing and Materials OHA00539 Moisture-sensitive label or print Barcode label Desiccant Humidity indicator Barcode label OSR AM M o is tu re Le v e l 3 F lo o r ti me 1 6 8 H o u rs M o is tu re L e ve l 6 F lo or ti m e 6 H o u rs a ) H u m id it y In d ic a to r C a rd i s > 1 0 % w h e n re a d a t 2 3 ˚ C ± 5 ˚C , o r re flo w , v a p o r- ph a se re fl o w , o r e q u iv a le n t p ro ce s si n g (p e a k p a c k a g e 2 . A ft e r th is b a g i s o p en e d , d e vi c e s th a t w ill b e s u b je c te d to in fr a re d 1 . S h e lf life in s e a le d b a g : 2 4 m o n th s a t < 4 0 ˚C a n d < 90 % re la ti v e h u m idi ty (R H ). M o is tu re L e ve l 5 a a t fa c to ry c o n d it io n s o f (i f b la n k , s e a l d a te is id e n ti ca l wi th d a te co d e ). a ) M o u n te d w it h in b ) S to re d a t b od y te m p . 3 . D e v ic e s re q u ir e b a k in g , b e fo re m o u n ti n g , if : B a g s e a l d a te M o is tu re L e v e l 1 M o is tu re L e ve l 2 M o is tu re L e v e l 2 a 4 . If b a k in g is re q u ir e d , b ) 2 a o r 2 b is n o t m e t. D a te a n d ti m e o p e n e d : re fe re n ce I PC /J E D E C J -S T D -0 3 3 fo r b a k e p ro c e d u re . Fl o o r ti m e s e e b e lo w If b la n k, se e ba r c o d e la b e l Fl o o r tim e > 1 Ye a r F lo or ti m e 1 Y e a r F lo o r tim e 4 W e e k s 1 0 % R H . _ < M o is tu re L ev e l 4 M o is tu re L e v e l 5 ˚C ). OP T O S EM IC O ND U C TO RS MOIST U RE S E N S IT IV E T hi s b ag co n ta in s C A U T IO N F lo o r ti m e 7 2 H o u rs F lo o r ti m e 4 8 H o u rs F lo o r ti m e 2 4 H o u rs 3 0 ˚ C /6 0 % R H. _ < L E V E L If b la n k , s e e b a r c o d e la b e l OHA02044 OS RA M Packing Sealing label Barcode label M o is tu re L ev e l 3 Fl o o r tim e 16 8 H o u rs Mo is tu re L e ve l 6 F loo r ti m e 6 H o u rs a ) H u mi di ty I n d ic a to r C a rd is > 10 % w h en re a d a t 2 3 ˚C ± 5 ˚C , or re fl o w, v a p o r-ph a s e re fl o w, o r e q u iv a le nt pr o ce s s in g (p e a k p a ck a g e 2 . A ft e r thi s b a g is o p e n e d , d e v ice s t h a t w ill b e su b je c te d to inf ra re d 1 . S h e lf lif e i n s e a le d b a g : 2 4 m on th s a t < 4 0 ˚C a n d < 9 0 % rel a ti v e h u mi d it y (R H) . Mo is tu re L e v e l 5 a a t f a c to ry con d it io n s o f (if b la n k , s e a l d a te i s ide n ti c a l w it h d a te c o d e) . a ) M o u n ted w ith in b ) S to red a t b o dy te m p . 3 . D ev ice s re q u ir e b a k in g , b ef o re m o u n ti n g , if : B a g s e a l d a te M o is tu re L e ve l 1 Mo is tu re L e ve l 2 M o is tu re L e v el 2 a 4. If b a king is re q u ire d , b ) 2 a o r 2 b is n o t me t. D a te a nd ti m e o p e n ed: ref e ren c e IP C /J ED EC J -S TD -0 33 fo r b a k e pr o c e d u re. F loo r time s e e b e lo w If b la n k , s e e b a r co d e la b e l Fl oo r tim e > 1 Y e a r F lo o r tim e 1 Ye a r F lo or ti me 4 W e e k s 1 0 % R H. _ < M oi s tu re Le v e l 4 Mo is tu re L e v e l 5 ˚C ). OP TO SE M ICO N D U CT ORS MO ISTUR E S EN S ITI V E T h is ba g co nta in s CA U T IO N F loo r ti m e 72 H o u rs F lo o r ti me 4 8 H o u rs F lo or ti me 2 4 H o u rs 3 0 ˚C /6 0 % RH . _ < LE VE L If b la n k , se e b a r c o d e la b e l Barcode label |