| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM19DE100JO3-ST-R02 bảng dữ liệu(PDF) 2 Page - Sharma Electro Components,Inc |
|
|
|||||||||||||||||||||||||||||
DM19DE100JO3-ST-R02 bảng dữ liệu(HTML) 2 Page - Sharma Electro Components,Inc |
|
2 / 17 page ![]() Tel: 516-981-6690 Fax: 516-981-6867 SUSCO Engineers & Buyers Guide - Mica Section 2 MICA CAPACITORS TYPE 1- Capacitance in pF, tolerance in percentage or +/- pF and voltage(Vdc) are indi- cated in numbers along with the brand marking. Brand marking of “SAHA”, “S” or “KEC” are common. Parts are also supplied with no brand marking in some cases based on product availability and customer requirements. Part Marking 150 ± 5% 500V SAHA CM 05 FD 151JO3 SAHA 151J or 150 pF +/- 5% TYPE 1 TYPE 3 TYPE 2 TYPE 2 - Formerly for Military certified Capacitors. The CM series code has been discontinued. TYPE 3 - Capacitance in EIA capacitance code (as in Type 2) and toler- ance with tolerance code or capacitance value in pF with tolerance in +/- % or +/- pF are marked on the capacitors. Voltage is not marked on the part. Brand marking is optional. MICA CAPACITOR - PART NUMBERING SYSTEM Sample Part Number: DM05FA151J-CA Description: DM05 Series, 150pF, 100 Volt, 5% in Ammo Pack, Inside Crimped. D M 0 5 F A 1 5 1 J O 3 - S A - R 0 2 Series Enter Series Code: (up to 4 Characters) Series included: DM05, DM10, DM12, DM15, DM19, DM20, DM30, DM42. Characteristic Enter characteristic code: ( 1 Character) Temperature Characteristic Coefficient Capacitance Letter PPM/C Drift C -200 to +200 ± (0.5% + 0.1pF) D -100 to +100 ± (0.3% + 0.1pF) E -20 to +100 ± (0.1% + 0.1pF) F 0 to +70 ± (0.05% + 0.1pF) see catalog for individual part characteristic code Rated Voltage Enter voltage code: (1 character) RatedVoltageCode RatedVoltageCode LetterCode Volts DCW LetterCode Volts DCW Y 50 E 350 A 100 D 500 C 300 F* 1000* * Note: Not for use in snubber applications Capacitance Enter EIA Capacitance Code: (3 Digits) First Two Digits represents significant figures of capacitance in Picofarads. Third Digit indicates number of zeros to follow. Example: 10pF = 100, 100pF = 101, 1000pF = 102 Tolerance Enter Capacitance Tolerance Code: ( 1 Character) Tolerance Code D ±0.5pF H ± 3 % E ± 0.5 % J ± 5 % F ± 1 % K ± 10 % G ± 2 % Temperature Range Code O = -55 to +125 C Vibration Grade Standard Grade = 3 (see catalog for details) Marking S = Saha Package Type Bulk < Blank > Ammo Pack A Tape & Reel T Special Specifications C Cut followed by 2 Digit specification code 01 -99 R Crimped followed by 2 Digit specification code 01 -99 P Cut & Crimped followed by 2 Digit specification code 01 -99 Examples: C 0 2 = cut leads to 0.175 mm P 0 2 = cut leads to 0.175 mm and inside crimp (See Special Specifications Sheet) Rev D - 2/99 |