công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

56F8037 bảng dữ liệu(PDF) 97 Page - Freescale Semiconductor, Inc

tên linh kiện 56F8037
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controllers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8037 bảng dữ liệu(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button 56F8037 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 99Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 180 page
background image
Register Descriptions
56F8037 Data Sheet, Rev. 2
Freescale Semiconductor
97
Preliminary
Figure 6-8 CLKO Select Register (SIM_CLKOUT)
6.3.7.1
Reserved—Bits 15–10
This bit field is reserved. Each bit must be set to 0.
6.3.7.2
PWM3—Bit 9
•
0 = Peripheral output function of GPIOA[3] is defined to be PWM3
•
1 = Peripheral output function of GPIOA[3] is defined to be the Relaxation Oscillator Clock
6.3.7.3
PWM2—Bit 8
•
0 = Peripheral output function of GPIOA[2] is defined to be PWM2
•
1 = Peripheral output function of GPIOA[2] is defined to be the system clock
6.3.7.4
PWM1—Bit 7
•
0 = Peripheral output function of GPIOA[1] is defined to be PWM1
•
1 = Peripheral output function of GPIOA[1] is defined to be 2X system clock
6.3.7.5
PWM0—Bit 6
•
0 = Peripheral output function of GPIOA[0] is defined to be PWM0
•
1 = Peripheral output function of GPIOA[0] is defined to be 3X system clock
6.3.7.6
Clockout Disable (CLKDIS)—Bit 5
•
0 = CLKOUT output function is enabled and will output the signal indicated by CLKOSEL
•
1 = CLKOUT output function is disabled
6.3.7.7
Clockout Select (CLKOSEL)—Bits 4–0
CLKOSEL selects clock to be muxed out on the CLKO pin as defined in the following. Internal delay to
CLKO output is unspecified. Signal at the output pad is undefined when CLKO signal frequency exceeds
the rated frequency of the I/O cell. CLKO may not operate as expected when CLKDIS and CLKOSEL
settings are changed.
•
00000 = Continuous system clock
•
00001 = Continuous peripheral clock
•
00010 = 3X system clock
•
00100.....11111 = Reserved for factory test
Base + $A
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
PWM3PWM2PWM1PWM0
CLK
DIS
CLKOSEL
Write
RESET
0
0
0
0
0
0
0
0
0
0
1
0
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com