| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ES-511 bảng dữ liệu(PDF) 5 Page - Black Box Registered Trademark |
|
|
|||||||||||||||||||||||||||||
ES-511 bảng dữ liệu(HTML) 5 Page - Black Box Registered Trademark |
|
5 / 6 page ![]() UK +44 (0)151 220 2500 // USA +1 (919) 241 8487 www.brainboxes.com // sales@brainboxes.com Software OS Compatibility Brainboxes’ software provides a TCP or Serial COM port interface. All software versions and updates available to download from our website. Microsoft Legacy COM port drivers for Microsoft OS up to latest Windows 11 Other TCP and web browser interface for other OSs & Linux, e.g. Android, Raspberry Pi Boost.Lan Manager Lets you find, install virtual COM ports and upgrade devices Industry Standard Packages The COM port based driver means devices are compatible with popular packages such as: LabView, MATLAB, Agilent VEE. So you can continue to get value from your existing development and process control system. Software Platforms APIs and sample program code for: Microsoft .NET, C#, Visual Basic, and more - www.brainboxes.com Software Network Protocols ICMP, IP, TCP, DHCP, Telnet, HTTP, RFC2217, BOOTP Software Platforms Our software drivers give Windows users local COM ports, allowing you to retain your existing software applications and connect to your devices over the network. COM Port can be assigned from COM 1 to COM 255 and the Brainboxes Ethernet to serial device remembers your COM Port assign- ment on reboots. For Linux/Apple OS/Android web interface allows secure configuration and control of the serial ports over a local network or the internet using any browser. You can access the device via TCP/IP sockets from any networked device like an Android tablet, PC or phone. |