| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM05EC100DO3-SA-R02 bảng dữ liệu(PDF) 5 Page - Sharma Electro Components,Inc |
|
|
|||||||||||||||||||||||||||||
DM05EC100DO3-SA-R02 bảng dữ liệu(HTML) 5 Page - Sharma Electro Components,Inc |
|
5 / 17 page ![]() 5 SUSCO Engineers & Buyers Guide - Mica Section Tel: 516-981-6690 Fax: 516-981-6867 MICA CAPACITORS DM SERIES INTRODUCTION SAHA Mica capacitors have been designed to meet the exacting physical, electrical and environmental requirements of the MIL-C-5 and RS-153 specifications. Careful selection of raw materials, starting with the finest available grade of India Ruby Mica, and the constant monitoring of all equipment and processes, provides an overall uniform level of quality consistent with today's most sophisticated electronic equipment. Ideal for Tuning, Timing, Filtering and Coupling Circuits. FEATURES • Low loss and high stability • Available in very close tolerances • Suitable for precision applications • Wide range of operating temperature GENERAL SPECIFICATIONS CAPACITANCE RANGE: 1 pF to 82,000 pF VOLTAGE RATING: 50 V DC to 500 V DC (Higher voltage capacitors can also be custom made) TEMPERATE RATING: - 40 to + 150 °C CASE SIZES: DM 05 to DM 42 INSULATION RESISTANCE: 100,000 M Ohms minimum at 25°C for capacitance up to 10,000 pF. Please refer to characteristic curve for values above the range. DISSIPATION FACTOR < 0.1% at 1 M Hz for values between 100 to 1,000 pF <0.2 at 1K Hz for values above 1,000 pF. Please refer to characteristic curve for values above the range. LIFE TEST DETAILS: Capacitors shall withstand 1.5 times the rated DC voltage at 125 °C for 2000 hours. After the test: 1. Capacitance change shall not exceed 1% of the initial value or 1 pF, which ever is greater. 2. Dissipation Factor shall be within 1.5 times the original limits. 3. Insulation Resistance shall meet the initial specified requirements. 4. There shall be no remarkable change in the appearance and the marking shall remain legible. Dimension CASE CODE DM05 DM10 DM12 DM15 DM19 DM20 DM30 DM42 B 3.05 3.57 5.00 5.95 8.73 11.11 11.11 26.99 ± 0.8 ± 0.8 ± 0.8 ± 0.8 ± 0.8 ± 0.8 ± 0.8 ± 0.8 C 0.40 0.40 0.50 0.60 0.80 0.80 1.00 1.00 Dimension CASE CODE DM05 DM10 DM12 DM15 DM19 DM20 DM30 DM42 B 0.120 0.141 0.197 0.234 0.344 0.438 0.438 1.063 ± 0.031 ± 0.031 ± 0.031 ± 0.031 ± 0.031 ± 0.031 ± 0.031 ± 0.031 C 0.016 0.016 0.020 0.025 0.032 0.032 0.04 0.04 #26 #26 #24 #22 #20 #20 #18 #18 Case Capacitance Range in pF Equivalent Size Standard MIL MIL Series DM05 1 to 390 - None DM10 1 to 820 1 to 390 CM 04 DM12 1 to 2,500 - None DM15 1 to 2,500 1 to 390 CM 05 DM19 100 to 8,200 430 to 4,700 CM 06 DM20 680 to 12,000 - None DM30 5,100 to 20,000 5,100 to 20,000 CM 07 DM42 16,000 to 82,000 - None LEAD DIMENSIONS IN INCHES LEAD DIMENSIONS IN MILLIMETERS CASE SIZE Vs. CAPACITANCE RANGE LL" = 1.25" min. Dimension "R" = 0.078" max. for DM 05 TO DM 15 and 0.125"max. for DM 19 to DM 42 LL" = 30 mm min. Dimension "R" = 2.0 mm max. for DM 05 TO DM 15 and 3.2 mm max. for DM 19 to DM 42 DIMENSIONS: LL = 31.75 mm (1.25”) min. |