| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8987LGECO/RV bảng dữ liệu(PDF) 19 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8987LGECO/RV bảng dữ liệu(HTML) 19 Page - Wolfson Microelectronics plc |
|
19 / 58 page ![]() Pre-Production WM8987L w PP Rev 3.0 January 2007 19 PGA CONTROL The PGA matches the input signal level to the ADC input range. The PGA gain is logarithmically adjustable from +30dB to –17.25dB in 0.75dB steps. Each PGA can be controlled either by the user or by the ALC function (see “Automatic Level Control”). When ALC is enabled for one or both channels, then writing to the corresponding PGA control register has no effect. The gain is independently adjustable on both Right and Left Line Inputs. Additionally, by controlling the register bits LIVU and RIVU, the left and right gain settings can be simultaneously updated. Setting the LZCEN and RZCEN bits enables a zero-cross detector which ensures that PGA gain changes only occur when the signal is at zero, eliminating any zipper noise. If zero cross is enabled a timeout is also available to update the gain if a zero cross does not occur. This function may be enabled by setting TOEN in register R23 (17h). The inputs can also be muted in the analogue domain under software control. The software control registers are shown in Table 9. If zero crossing is enabled, it is necessary to enable zero cross timeout to un-mute the input PGAs. This is because their outputs will not cross zero when muted. Alternatively, zero cross can be disabled before sending the un-mute command. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 8 LIVU 0 Left Volume Update 0 = Store LINVOL in intermediate latch (no gain change) 1 = Update left and right channel gains (left = LINVOL, right = intermediate latch) 7 LINMUTE 1 Left Channel Input Analogue Mute 1 = Enable Mute 0 = Disable Mute Note: LIVU must be set to un-mute. 6 LZCEN 0 Left Channel Zero Cross Detector 1 = Change gain on zero cross only 0 = Change gain immediately R0 (00h) Left Channel PGA 5:0 LINVOL [5:0] 010111 ( 0dB ) Left Channel Input Volume Control 111111 = +30dB 111110 = +29.25dB . . 0.75dB steps down to 000000 = -17.25dB 8 RIVU 0 Right Volume Update 0 = Store RINVOL in intermediate latch (no gain change) 1 = Update left and right channel gains (right = RINVOL, left = intermediate latch) 7 RINMUTE 1 Right Channel Input Analogue Mute 1 = Enable Mute 0 = Disable Mute Note: RIVU must be set to un-mute. 6 RZCEN 0 Right Channel Zero Cross Detector 1 = Change gain on zero cross only 0 = Change gain immediately R1 (01h) Right Channel PGA 5:0 RINVOL [5:0] 010111 ( 0dB ) Right Channel Input Volume Control 111111 = +30dB 111110 = +29.25dB . . 0.75dB steps down to 000000 = -17.25dB R23 (17h) Additional Control (1) 0 TOEN 0 Timeout Enable 0 : Timeout Disabled 1 : Timeout Enabled Table 9 Input PGA Software Control |