| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EPIB20 bảng dữ liệu(PDF) 36 Page - PCA ELECTRONICS INC. |
|
|
|||||||||||||||||||||||||||||
EPIB20 bảng dữ liệu(HTML) 36 Page - PCA ELECTRONICS INC. |
|
36 / 50 page ![]() PCA Part No. Inductance (µH) DCR (Ω Max.) IDC (A) Inductance L W H EPI-A106 Toroid Series .85 - 1000 .0005 - .88 1.20 - 43 .7 - 800 1.40 1.40 .500 EPI-A38HM Toroid Series 9.6 - 19.6 .14 - 13.5 3.2 - 4.7 6.7 - 13.5 .535 .449 .449 EPI-AC1 Toroid Series 13.5 - 20 .022 - .035 3.5 - 4.5 10 - 15 .590 .360 .715 EPI-AC2 Toroid Series 12.8 - 27 .012 - .046 3.0 - 5.0 10 - 22 .680 .470 .750 EPI-AC3 Toroid Series 27 - 265 .025 - .394 1.5- 5.0 22 - 220 .840 .470 .950 EPI-AC4 Toroid Series 42 - 493 .027 - 7.54 1.0 - 5.5 33 - 470 .960 .610 1.35 EPI-AC5 Toroid Series 260 - 1093 .090 - .297 .95 - 3.0 220 - 1000 1.30 .700 1.40 EPI-AH50 Toroid Series 220 - 1216 .21 - 1.20 .5 - 1.7 150 - 1000 .710 .710 .460 EPI-AV50 Toroid Series 220 - 1216 .21 - 1.20 .5 - 1.7 150 - 1000 .710 .510 .710 EPI-AVM1 Toroid Series 50 - 152 .54 - .124 2.1 - 2.6 35 - 105 .772 .425 .952 EPI-AVM2 Toroid Series 9 - 500 .0066 - .419 1.0 - 8.7 6.7 - 413 1.25 .625 1.185 EPI-AVM3 Toroid Series 10 - 1028 .006 - .810 1.0 - 11.4 7 - 880 1.35 .825 1.36 EPI-RL30 Drum Series 1 - 10000 .013 - 33 .084 - 10 1 -10000 .307 .307 .295 Contents Thru Hole Power Inductor Series |