công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM6441 bảng dữ liệu(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM6441
Giải thích chi tiết về linh kiện  Digital Media System-on-Chip
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6441 bảng dữ liệu(HTML) 73 Page - Texas Instruments

Back Button TMS320DM6441 Datasheet HTML 69Page - Texas Instruments TMS320DM6441 Datasheet HTML 70Page - Texas Instruments TMS320DM6441 Datasheet HTML 71Page - Texas Instruments TMS320DM6441 Datasheet HTML 72Page - Texas Instruments TMS320DM6441 Datasheet HTML 73Page - Texas Instruments TMS320DM6441 Datasheet HTML 74Page - Texas Instruments TMS320DM6441 Datasheet HTML 75Page - Texas Instruments TMS320DM6441 Datasheet HTML 76Page - Texas Instruments TMS320DM6441 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 229 page
background image
www.ti.com
TMS320DM6441
Digital Media System-on-Chip
SPRS359B – SEPTEMBER 2006 – REVISED JANUARY 2007
Table 3-23. VLYNQ Control, EMIFA, and GPIO Pin Multiplexing
PINMUX0 REGISTER BIT FIELDS
MULTIPLEXED PINS
EM_CS5/
EM_CS4/
VLYNQEN
VLSCREN
AECS5
AECS4
GPIO[8]/
GPIO[9]/
VLYNQ_CLOCK
VLYNQ_SCRUN
0
-
0
0
GPIO[8]
GPIO[9]
0
-
0
1
GPIO[8]
EM_CS4
0
-
1
0
EM_CS5
GPIO[9]
0
-
1
1
EM_CS5
EM_CS4
1
0
-
0
VLYNQ_CLOCK
GPIO[9]
1
0
-
1
VLYNQ_CLOCK
EM_CS4
1
1
-
-
VLYNQ_CLOCK
VLYNQ_SCRUN
Table 3-24. VLYNQ Data, EMIFA, and GPIO Pin Multiplexing
PINMUX0
REGISTER
MULTIPLEXED PINS
BIT FIELDS
EM_A[21]/
EM_A[20]/
EM_A[19]/
EM_A[18]/
EM_A[17]/
EM_A[16]/
EM_A[15]/
EM_A[14]/
VLYNQEN
VLYNQWD
GPIO[10]/
GPIO[11]/
GPIO[12]/
GPIO[13]/
GPIO[14]/
GPIO[15]/
GPIO[16]/
GPIO[17]/
VL_TXD0
VL_RXD0
VL_TXD1
VL_RXD1
VL_TXD2
VL_RXD2
VL_TXD3
VL_RXD3
EM_A[21]/
EM_A[20]/
EM_A[19]/
EM_A[18]/
EM_A[17]/
EM_A[16]/
EM_A[15]/
EM_A[14]/
0
-
GPIO[10](1)
GPIO[11](1)
GPIO[12](1)
GPIO[13](1)
GPIO[14](1)
GPIO[15](1)
GPIO[16](1)
GPIO[17](1)
VL_TXD0
VLRXD0
EM_A[19]/
EM_A[18]/
EM_A[17]/
EM_A[16]/
EM_A[15]/
EM_A[14]/
1
00
GPIO[12](1)
GPIO[13](1)
GPIO[14](1)
GPIO[15](1)
GPIO[16](1)
GPIO[17](1)
VL_TXD0
VLRXD0
VL_TXD1
VLRXD1
EM_A[17]/
EM_A[16]/
EM_A[15]/
EM_A[14]/
1
01
GPIO[14](1)
GPIO[15](1)
GPIO[16](1)
GPIO[17](1)
VL_TXD0
VLRXD0
VL_TXD1
VLRXD1
VL_TXD2
VLRXD2
EM_A[15]/
EM_A[14]/
1
10
GPIO[16](1)
GPIO[17](1)
1
11
VL_TXD0
VLRXD0
VL_TXD1
VLRXD1
VL_TXD2
VLRXD2
VL_TXD3
VLRXD3
(1)
This pin shares GPIO functionality set by AEAW[4:0] as shown in Table 3-9.
3.5.6.6 Timer0 Input, CLK_OUT1, and GPIO Pin Multiplexing
The multiplexing of the CLK_OUT1 and Timer0 Input (Timer 0 only) functions is shown in Table 3-25.
Table 3-25. Timer0 Input, CLK_OUT1, and GPIO Pin
Multiplexing
PINMUX1 REGISTER BIT FIELDS
MULTIPLEXED PINS
CLK_OUT1/
TIMIN
CLK1
TIM_IN/
GPIO[49]
0
0
GPIO[49]
0
1
CLK_OUT1
1
-
TIM_IN
3.5.6.7 ASP, SPI, I2C, ATA, and GPIO Pin Multiplexing
When the ASP, SPI, or I2C serial port functions are not selected, their pins may be used as GPIOs as
seen in Table 3-26, Table 3-27, and Table 3-28. The SPI_EN1 pin can also function as the HDDIR buffer
control when ATAEN is selected and the HDIREN bit is set.
Submit Documentation Feedback
Device Configurations
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More