| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC804 bảng dữ liệu(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC804 bảng dữ liệu(HTML) 17 Page - NXP Semiconductors |
|
17 / 89 page ![]() LPC804 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2023. All rights reserved. Product data sheet Rev. 2.1 — 25 July 2023 17 of 87 NXP Semiconductors LPC804 32-bit Arm Cortex-M0+ microcontroller Fig 9. LPC804 Memory mapping aaa-029247 AHB perpherals CRC engine 0x5001 4000 0x5000 0000 (reserved) private peripheral bus (reserved) GPIO interrupts Memory space GPIO (reserved) (reserved) (reserved) (reserved) (reserved) active interrupt vectors Boot ROM RAM AHB peripherals APB peripherals Flash memory (up to 32 KB) 0xFFFF FFFF 0xE010 0000 0xE000 0000 0xA000 8000 0xA000 4000 0xA000 0000 0x5001 4000 0x5000 0000 0x4008 0000 0x4000 0000 0x1000 1000 0x1000 0000 0x0F00 2000 0x0F00 0000 0x0000 8000 0x0000 0000 0x0000 00C0 0x0000 0000 (reserved) APB perpherals USART1 USART0 (reserved) SPI I2C0 (reserved) Syscon IOCON (reserved) CTIMER 0 (reserved) PLU Analog Comparator PMU ADC Switch Matrix Wake-up Timer Multi-Rate Timer Watchdog timer 31-30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0x4007 FFFF 0x4007 8000 0x4007 4000 0x4007 0000 0x4006 C000 0x4006 8000 0x4006 4000 0x4006 0000 0x4005 C000 0x4005 8000 0x4005 4000 0x4005 0000 0x4004 C000 0x4004 8000 0x4004 4000 0x4004 0000 0x4003 C000 0x4003 8000 0x4003 4000 0x4003 0000 0x4002 C000 0x4002 8000 0x4002 4000 0x4002 0000 0x4001 C000 0x4001 8000 0x4001 4000 0x4001 0000 0x4000 C000 0x4000 8000 0x4000 4000 0x4000 0000 (reserved) (reserved) (reserved) (reserved) (reserved) (reserved) I2C1 CAPTouch (reserved) DAC0 (reserved) (reserved) 0x5000 4000 |