| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L8C202PC15 bảng dữ liệu(PDF) 18 Page - LOGIC Devices Incorporated |
|
|
|||||||||||||||||||||||||||||
L8C202PC15 bảng dữ liệu(HTML) 18 Page - LOGIC Devices Incorporated |
|
18 / 22 page ![]() DEVICES INCORPORATED L8C201/202/203/204 512/1K/2K/4K x 9-bit Asynchronous FIFO 18 FIFO Products 03/04/99–LDS.8C201/2/3/4-H Speed 25 ns 15 ns 12 ns 10 ns 25 ns 15 ns 12 ns 10 ns 40 ns 30 ns 20 ns 40 ns 30 ns 20 ns –40°C to +85°C — COMMERCIAL SCREENING –55°C to +125°C — COMMERCIAL SCREENING –55°C to +125°C — MIL-STD-883 COMPLIANT 0°C to +70°C — COMMERCIAL SCREENING 32-pin — 0.490" x 0.590" 31 1 3 4 29 28 27 26 25 24 23 22 21 30 20 19 14 15 17 5 6 7 8 9 10 11 12 13 Top View D2 D1 D0 XI FF Q0 Q1 NC Q2 D6 D7 NC FL/RT RS EF XO/HF Q7 Q6 2 16 32 18 L8C202 — ORDERING INFORMATION Plastic J-Lead Chip Carrier (J6) L8C202JC25 L8C202JC15 L8C202JC12 L8C202JC10 L8C202JI25 L8C202JI15 L8C202JI12 L8C202JI10 28 27 26 25 24 23 22 21 20 19 18 17 16 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 W D8 D3 D2 D1 D0 XI FF Q0 Q1 Q2 Q3 Q8 GND VCC D4 D5 D6 D7 FL/RT RS EF XO/HF Q7 Q6 Q5 Q4 R Ceramic Flatpack (M2) L8C202MM40 L8C202MM30 L8C202MM20 L8C202MMB40 L8C202MMB30 L8C202MMB20 28-pin |