công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74AVC2T45 bảng dữ liệu(PDF) 4 Page - Nexperia B.V. All rights reserved

tên linh kiện 74AVC2T45
Giải thích chi tiết về linh kiện  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC2T45 bảng dữ liệu(HTML) 4 Page - Nexperia B.V. All rights reserved

  74AVC2T45 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AVC2T45 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AVC2T45 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AVC2T45 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AVC2T45 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AVC2T45 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC2T45 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC2T45 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC2T45 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Nexperia
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
6.2. Pin description
Table 3. Pin description
Symbol
Pin
Description
VCC(A)
1
supply voltage A (referenced to pins 1A, 2A and DIR)
1A
2
data input or output
2A
3
data input or output
GND
4
ground (0 V)
DIR
5
direction control
2B
6
data input or output
1B
7
data input or output
VCC(B)
8
supply voltage B (referenced to pins 1B and 2B)
7. Functional description
Table 4. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
Supply voltage
Input
Input/output [1]
VCC(A), VCC(B)
DIR [2]
nA
nB
0.8 V to 3.6 V
L
nA = nB
input
0.8 V to 3.6 V
H
input
nB = nA
GND [3]
X
Z
Z
[1] The input circuit of the data I/O is always active.
[2] The DIR input circuit is referenced to VCC(A).
[3] If at least one of VCC(A) or VCC(B) is at GND level, the device goes into Suspend mode.
74AVC2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 10 — 4 November 2021
4 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com