công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS4201F bảng dữ liệu(PDF) 24 Page - Dallas Semiconductor

tên linh kiện DS4201F
Giải thích chi tiết về linh kiện  USB Audio DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DALLAS [Dallas Semiconductor]
Trang chủ  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4201F bảng dữ liệu(HTML) 24 Page - Dallas Semiconductor

Back Button DS4201F Datasheet HTML 16Page - Dallas Semiconductor DS4201F Datasheet HTML 17Page - Dallas Semiconductor DS4201F Datasheet HTML 18Page - Dallas Semiconductor DS4201F Datasheet HTML 19Page - Dallas Semiconductor DS4201F Datasheet HTML 20Page - Dallas Semiconductor DS4201F Datasheet HTML 21Page - Dallas Semiconductor DS4201F Datasheet HTML 22Page - Dallas Semiconductor DS4201F Datasheet HTML 23Page - Dallas Semiconductor DS4201F Datasheet HTML 24Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
DS4201
24 of 24
102099
APPENDIX D: PARAMETER DEFINITIONS
SIGNAL-TO-NOISE RATIO: The ratio of the rms output level with a 1 KHz F.S. input to the rms
output level with a zero level input. Measured A–weighted over 20 – 20 KHz with 0V applied to the MIC
and AUX inputs. All mixer control settings at 0 dB.
TOTAL HARMONIC DISTORTION + NOISE: The in–band harmonic distortion and noise response
to a 1 KHz F.S. input. Measured by attenuating the 1 KHz F.S. fundamental with a narrow–band notch
filter, then measuring the rms value of remaining harmonic and noise components over the 20 – 20 KHz
bandwidth. All mixer control settings at 0 Db
.
DYNAMIC RANGE: The difference between the highest amplitude signal which the device can linearly
handle and the device active noise level. Measured by adding 60 dB to the device rms response to a 1KHz
input signal 60 dB below F.S. Measured A–Weighted over 20–20 KHz bandwidth by attenuating the
fundamental frequency with a narrow– band notch filter then measuring the remaining in–band signal
level. All mixer control settings at 0 dB.
FREQUENCY RESPONSE: The amplitude response variation relative the amplitude response at 1 kHz.
Measured over a bandwidth of 20 Hz to 0.4x Fs, where Fs is the DAC sampling frequency. All mixer
control settings at 0 dB.
CROSSTALK BETWEEN INPUT CHANNELS
: Measured for each channel at the output with a zero
level applied to the input under test and a 1 KHz F.S. signal applied to all the other input channels.
Measured over a 20 – 20 KHz bandwidth. All mixer control settings at 0 dB.
INTERCHANNEL GAIN MISMATCH: The gain difference between left and right channels.
Measured from the difference between the two 20 – 20 KHz band–limited rms outputs with a 1 KHz F.S.
signal at both inputs. All mixer control settings at 0 dB.
GAIN ERROR: For each channel, the difference between the expected output and actual output for a 1
KHz input. Measured over the complete mixer control range and a 20 – 20 KHz bandwidth.
GAIN DRIFT: The change in gain value with temperature.
OFFSET ERROR: The difference between the output and the internal reference with zero level inputs.
All mixer control settings at 0 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com