công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS8855-31PD bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện FS8855-31PD
Giải thích chi tiết về linh kiện  500mA LDO Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

FS8855-31PD bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  FS8855-31PD Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8855-31PD Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8855-31PD Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8855-31PD Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8855-31PD Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8855-31PD Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8855-31PD Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8855-31PD Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8855-31PD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FS8855
500mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
4/13
TD-0405007
Rev. 1.4
http://www.fsc.com.tw
FAX: +886-2-2809-4874
T
Tyyp
piiccaall A
Ap
pp
plliiccaattiioon
n C
Ciirrccu
uiitt
A
Ab
bssoollu
uttee M
Maaxxiim
mu
um
m R
Raattiin
nggss
Input voltage VIN to GND -------------------------------------------------------------------------------------------------- 10V
Output current limit, I(LIMIT) -------------------------------------------------------------------------------------------------- 0.8A
Continuous power dissipation, PD (∆T= TJ -TA = 100°C)
SOT-223 ---------------------------------------------------------------------------------------------------------------------------------------- 0.65W
SOT-89
----------------------------------------------------------------------------------------------------------------------------------------
0.55W
TO-92
----------------------------------------------------------------------------------------------------------------------------------------
0.55W
* The power dissipation values are based on the condition that junction temperature TJ and ambient
temperature TA difference is 100°C.
Junction Temperature, TJ ----------------------------------------------------------------------------------------------- +155°C
Storage temperature range, TSTG ---------------------------------------------------------------------- -55℃ to +150°C
Operating junction temperature range ---------------------------------------------------------------- -40℃ to +125°C
Lead temperature (soldering, 10sec) ------------------------------------------------------------------------------- 260°C
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only, and function operation of the device at these or any other conditions beyond those
indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com