công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCX05DN bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện SCX05DN
Giải thích chi tiết về linh kiện  Precision Compensated Pressure Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

SCX05DN bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SCX05DN Datasheet HTML 2Page - List of Unclassifed Manufacturers SCX05DN Datasheet HTML 3Page - List of Unclassifed Manufacturers SCX05DN Datasheet HTML 4Page - List of Unclassifed Manufacturers SCX05DN Datasheet HTML 5Page - List of Unclassifed Manufacturers SCX05DN Datasheet HTML 6Page - List of Unclassifed Manufacturers SCX05DN Datasheet HTML 7Page - List of Unclassifed Manufacturers SCX05DN Datasheet HTML 8Page - List of Unclassifed Manufacturers SCX05DN Datasheet HTML 9Page - List of Unclassifed Manufacturers SCX05DN Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
March 1998/053
SCX - Series
Precision Compensated Pressure Sensors
Aubinger Weg 27, 82178 Puchheim, Germany
Phone 0049 - (0) 89 80 08 30, Fax 0049 - (0) 89 8 00 83 33
http://www.sensortechnics.com
ORDERING INFORMATION
To order, use the following part number(s).
Description
0 to 1 psi Differential/Gage
0 to 5 psi Differential/Gage
0 to 15 psi Absolute
0 to 15 psi Differential/Gage
0 to 30 psi Absolute
0 to 30 psi Differential/Gage
0 to 100 psi Absolute
0 to 100 psi Differential/Gage
0 to 150 psi Absolute
0 to 150 psi Differential/Gage
Part Number
SCX01DN
SCX05DN
SCX15AN
SCX15DN
SCX30AN
SCX30DN
SCX100AN
SCX100DN
SCX150AN
SCX150DN
Mounting Accessories
Description
Xmas Tree Clip
6 Pin Rigth Angle Socket
Pressure Tubing Clamp
Part Number
SCXCLIP
SCXCNCT
SCXSNP1
SenSym and Sensortechnics reserve the right to make changes to any products herein. SenSym and Sensortechnics do not assume any liability arising out of the application or use of any product
or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com