| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M37544RSS bảng dữ liệu(PDF) 43 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M37544RSS bảng dữ liệu(HTML) 43 Page - Renesas Technology Corp |
|
43 / 68 page ![]() 7544 Group Rev.1.04 2004.06.08 page 43 of 66 REJ03B0012-0104Z 4. Oscillator concerns So that the product obtains the stabilized operation clock on the user system and its condition, contact the resonator manufacturer and select the resonator and oscillation circuit constants. Be careful especially when range of voltage and temperature is wide. Take care to prevent an oscillator that generates clocks for a mi- crocomputer operation from being affected by other signals. (1) Keeping oscillator away from large current signal lines Install a microcomputer (and especially an oscillator) as far as possible from signal lines where a current larger than the toler- ance of current value flows. <Reason> In the system using a microcomputer, there are signal lines for controlling motors, LEDs, and thermal heads or others. When a large current flows through those signal lines, strong noise occurs because of mutual inductance. (2) Installing oscillator away from signal lines where potential lev- els change frequently Install an oscillator and a connecting pattern of an oscillator away from signal lines where potential levels change frequently. Also, do not cross such signal lines over the clock lines or the signal lines which are sensitive to noise. <Reason> Signal lines where potential levels change frequently (such as the CNTR pin signal line) may affect other lines at signal rising edge or falling edge. If such lines cross over a clock line, clock wave- forms may be deformed, which causes a microcomputer failure or a program runaway. ➀ Keeping oscillator away from large current signal lines ➁ Installing oscillator away from signal lines where potential lev- els change frequently Fig. 56 Wiring for a large current signal line/Writing of signal lines where potential levels change frequently (3) Oscillator protection using Vss pattern As for a two-sided printed circuit board, print a Vss pattern on the underside (soldering side) of the position (on the component side) where an oscillator is mounted. Connect the Vss pattern to the microcomputer Vss pin with the shortest possible wiring. Besides, separate this Vss pattern from other Vss patterns. Fig. 57 Vss pattern on the underside of an oscillator XIN XOUT VSS M Microcomputer Mutual inductance Large current GND XIN XOUT VSS CNTR Do not cross N.G. XIN XOUT VSS An example of VSS patterns on the underside of a printed circuit board Oscillator wiring pattern example Separate the VSS line for oscillation from other VSS lines |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |