công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37544G2GP bảng dữ liệu(PDF) 17 Page - Renesas Technology Corp

tên linh kiện M37544G2GP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37544G2GP bảng dữ liệu(HTML) 17 Page - Renesas Technology Corp

Back Button M37544G2GP Datasheet HTML 13Page - Renesas Technology Corp M37544G2GP Datasheet HTML 14Page - Renesas Technology Corp M37544G2GP Datasheet HTML 15Page - Renesas Technology Corp M37544G2GP Datasheet HTML 16Page - Renesas Technology Corp M37544G2GP Datasheet HTML 17Page - Renesas Technology Corp M37544G2GP Datasheet HTML 18Page - Renesas Technology Corp M37544G2GP Datasheet HTML 19Page - Renesas Technology Corp M37544G2GP Datasheet HTML 20Page - Renesas Technology Corp M37544G2GP Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
7544 Group
Rev.1.04
2004.06.08
page 17 of 66
REJ03B0012-0104Z
Fig. 17 Block diagram of ports (1)
(6)Port P12
Serial I/O clock output
Serial I/O mode selection bit
Serial I/O enable bit
Serial I/O enable bit
Serial I/O synchronous
clock selection bit
Direction
register
Data bus
Port latch
Serial I/O clock input
P10, P12
input level
selection bit
*
(2)Ports P01,P02,P04–P07
Direction
register
Data bus
Port latch
Pull-up control
To key input interrupt
generating circuit
(1)Port P00
Direction
register
Data bus
Port latch
Pull-up control
To key input interrupt
generating circuit
CNTR1 interrupt input
(3)Port P03
Direction
register
Data bus
Port latch
Pull-up control
To key input interrupt
generating circuit
Timer output
P03/TXOUT
output valid
(5)Port P11
Data bus
Port latch
Serial I/O output
P11/TxD P-channel output disable bit
Direction
register
Serial I/O enable bit
Transmit enable bit
(4)Port P10
Direction
register
Data bus
Port latch
Serial I/O enable bit
Receive enable bit
Serial I/O input
P10, P12
input level
selection bit
*
*P10, P12, P34, and P37 input level are switched to the CMOS/TTL level by the port P1P3 control register.
When the TTL level is selected, there is no hysteresis characteristics.
P00 key-on wakeup
selection bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com