công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS44130 bảng dữ liệu(PDF) 16 Page - Cirrus Logic

tên linh kiện CS44130
Giải thích chi tiết về linh kiện  60 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44130 bảng dữ liệu(HTML) 16 Page - Cirrus Logic

Back Button CS44130 Datasheet HTML 12Page - Cirrus Logic CS44130 Datasheet HTML 13Page - Cirrus Logic CS44130 Datasheet HTML 14Page - Cirrus Logic CS44130 Datasheet HTML 15Page - Cirrus Logic CS44130 Datasheet HTML 16Page - Cirrus Logic CS44130 Datasheet HTML 17Page - Cirrus Logic CS44130 Datasheet HTML 18Page - Cirrus Logic CS44130 Datasheet HTML 19Page - Cirrus Logic CS44130 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
DS690PP1
CS44130
4.4
Output Filter
The RC filter placed after the PWM outputs can greatly affect the output performance. The filter not only
reduces radiated EMI (snubber filter) but also filters high-frequency content from the switching output before
going to the speaker (low-pass filter).
4.4.1
Half-Bridge Output Filter
Figure 5 shows the output filter for a half-bridge configuration. The transient-voltage suppression circuit,
(snubber circuit) is comprised of a resistor (5.6
Ω, 1/8 W) and capacitor (560 pF) and should be placed as
close as possible to the corresponding PWM output pin. This will greatly reduce radiated EMI.
The inductor, L1, and capacitor, C1, comprise the low-pass filter. Along with the nominal load impedance
of the speaker, these values set the cutoff frequency of the filter. Table 2 shows the component values for
L1 and C1 based on nominal speaker (load) impedance for a corner frequency (-3 dB point) of approxi-
mately 35 kHz.
C2 is the DC-blocking capacitor. Table 3 shows the component values for C2 based corner frequency (-
3 dB point) and a nominal speaker (load) impedance of 4
Ω. This capacitor should also be chosen to have
a ripple current rating above the amount of current that will pass through it.
Load
L1
C1
4
Ω
22 µH
1.0 µF
6
Ω
33 µH
0.68 µF
8
Ω
47 µH
0.47 µF
Table 2. Low-Pass Filter Components - Half-Bridge
Corner Frequency
C2
36 Hz
1000 µF
54 Hz
680 µF
110 Hz
330 µF
Table 3. DC-Blocking Capacitors Values - Half-Bridge
Figure 5. Output Filter - Half-Bridge
PW M
Output
560 pF
C1
5.6
Ω
L1
C2
+-
*Diode is Zetex
ZHCS400 or
equivalent
VP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com