| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRFZ34VPBF bảng dữ liệu(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFZ34VPBF bảng dữ liệu(HTML) 8 Page - International Rectifier |
|
8 / 8 page ![]() IRFZ34VPbF 8 www.irf.com LEAD ASSIGNMENTS 1 - GATE 2 - DRAIN 3 - SOURCE 4 - DRAIN - B - 1.32 (.052) 1.22 (.048) 3X 0.55 (.022) 0.46 (.018) 2.92 (.115) 2.64 (.104) 4.69 (.185) 4.20 (.165) 3X 0.93 (.037) 0.69 (.027) 4.06 (.160) 3.55 (.140) 1.15 (.045) MIN 6.47 (.255) 6.10 (.240) 3.78 (.149) 3.54 (.139) - A - 10.54 (.415) 10.29 (.405) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 3X 1.40 (.055) 1.15 (.045) 2.54 (.100) 2X 0.36 (.014) M B A M 4 1 2 3 NOTES: 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB. 2 CONTROLLING DIMENSION : INCH 4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS. HEXFET 1- GATE 2- DRAIN 3- SOURCE 4- DRAIN LEAD ASSIGNMENTS IGBTs, CoPACK 1- GATE 2- COLLECTOR 3- EMITTER 4- COLLECTOR TO-220AB Package Outline Dimensions are shown in millimeters (inches) TO-220AB Part Marking Information EXAMPL E : IN T HE ASSE MB LY L INE "C" T HIS IS AN IR F1010 LOT CODE 1789 AS S E MB L E D ON WW 19, 1997 PART NU MB E R ASSE MBL Y LOT CODE DAT E CODE YE AR 7 = 1997 LINE C WEEK 19 LOGO RE CT IFIE R INT E R NAT IONAL Note: "P" in assembly line position indicates "Lead-Free" Data and specifications subject to change without notice. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.12/03 |