công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BPX80 bảng dữ liệu(PDF) 13 Page - ams AG

tên linh kiện BPX80
Giải thích chi tiết về linh kiện  Silicon NPN Phototransistor Arrays
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

BPX80 bảng dữ liệu(HTML) 13 Page - ams AG

Back Button BPX80 Datasheet HTML 7Page - ams AG BPX80 Datasheet HTML 8Page - ams AG BPX80 Datasheet HTML 9Page - ams AG BPX80 Datasheet HTML 10Page - ams AG BPX80 Datasheet HTML 11Page - ams AG BPX80 Datasheet HTML 12Page - ams AG BPX80 Datasheet HTML 13Page - ams AG BPX80 Datasheet HTML 14Page - ams AG BPX80 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
BPX 80
DATASHEET
DATASHEET
13 | Version 1.4 | 2023-06-06
Glossary
1)
Photocurrent: The photocurrent values are measured (by irradiating the devices with a homogenous
light source and applying a voltage to the device) with a tolerance of ±11 %.
2)
Tolerance of Measure: Unless otherwise noted in
drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.
3)
IPCEmin: IPCEmin is the min. photocurrent of the specified group.
4)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devic-
es, the typical data or calculated correlations of technical parameters can only reflect statistical figures. 
These do not necessarily correspond to the actual parameters of each single product, which could dif-
fer from the typical data and calculated correlations or the typical characteristic line. If requested, e.g.
because of technical improvements, these typ. data will be changed without any further notice.
5)
Testing temperature: TA = 25°C (unless otherwise specified)
6)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and 
dimensions are specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com