công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS6221T bảng dữ liệu(PDF) 4 Page - ams AG

tên linh kiện AS6221T
Giải thích chi tiết về linh kiện  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS6221T bảng dữ liệu(HTML) 4 Page - ams AG

  AS6221T Datasheet HTML 1Page - ams AG AS6221T Datasheet HTML 2Page - ams AG AS6221T Datasheet HTML 3Page - ams AG AS6221T Datasheet HTML 4Page - ams AG AS6221T Datasheet HTML 5Page - ams AG AS6221T Datasheet HTML 6Page - ams AG AS6221T Datasheet HTML 7Page - ams AG AS6221T Datasheet HTML 8Page - ams AG AS6221T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Document Feedback
AS6221T
General Description
Datasheet
• PUBLIC
DS001032
• v1-00 • 2022-Apr-08
37
│ 4
1.2
Applications
●
Fitness/Health Wristbands
●
Personal Computers
●
Wearables
●
HVAC
●
Replacement of PTCs
●
Electronic Equipment
●
Tablets
●
Convertibles
●
Laptop
1.3
Block Diagram
The functional blocks of this device are shown below:
Figure 2 :
Functional Blocks of AS6221T
In Figure 2 the functional blocks are depicted. The sensing element for sensing the temperature is a Si
bipolar transistor. The analog signal of the sensing element is converted into a digital signal by the A/D
converter and the signal is further processed by a digital signal processor and written into the
registers. The registers can be accessed via the serial bus interface (I²C bus).
Temperature
Sensor Analog
Frontend
A/D Converter
Digital Signal
Processing
Registers
Oscillator
Control Logic
I²C Interface
AS6221T
VDD
VSS
ADD0
ADD1/Alert
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37