| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8985GEFL/R bảng dữ liệu(PDF) 32 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8985GEFL/R bảng dữ liệu(HTML) 32 Page - Wolfson Microelectronics plc |
|
32 / 118 page ![]() WM8985 Pre-Production w PP, Rev 3.4, October 2006 32 VOLUME UPDATES Volume settings will not be applied to the PGAs until a '1' is written to one of the INPPGAVU bits. This is to allow left and right channels to be updated at the same time, as shown in Figure 13. Figure 13 Simultaneous Left and Right Volume Updates If the volume is adjusted while the signal is a non-zero value, an audible click can occur as shown in Figure 14. Figure 14 Click Noise During Volume Update In order to prevent this click noise, a zero cross function is provided. When enabled, this will cause the PGA volume to update only when a zero crossing occurs, minimising click noise as shown in Figure 15. |