công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMD3721 bảng dữ liệu(PDF) 19 Page - ams AG

tên linh kiện TMD3721
Giải thích chi tiết về linh kiện  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 bảng dữ liệu(HTML) 19 Page - ams AG

Back Button TMD3721 Datasheet HTML 15Page - ams AG TMD3721 Datasheet HTML 16Page - ams AG TMD3721 Datasheet HTML 17Page - ams AG TMD3721 Datasheet HTML 18Page - ams AG TMD3721 Datasheet HTML 19Page - ams AG TMD3721 Datasheet HTML 20Page - ams AG TMD3721 Datasheet HTML 21Page - ams AG TMD3721 Datasheet HTML 22Page - ams AG TMD3721 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 89 page
background image
Page 18
Datasheet, Public
Document Feedback
[v3-00] 2023-May-26
TMD3721 − Detailed Description
AWTIME defines the ALS repetition period. In non-synchronous
mode, the subsequent ALS cycle will begin at the end of the
AWTIME period. In synchronous mode, the subsequent ALS
cycle will occur on the first VSYNC after the end of the AWTIME
period, plus the delay defined by ASD.
PWTIME defines the proximity repetition period. In
non-synchronous mode, the subsequent proximity cycle will
begin at the end of the PWTIME period. In synchronous mode,
the subsequent proximity cycle will occur on the first VSYNC
after the end of the PWTIME period, plus the delay defined by
PSD.
Figure 19 shows the ALS and proximity timing during
concurrent mode.
In concurrent mode, it is important to configure ALS hold (CFG2
(0xA7), bit 3) correctly in order to avoid a situation where ALS
is constantly interrupted and cannot complete in a timely
manner. It is recommended to pause ALS only during the time
the emitter is pulsing (CFG2, bit 3=1). This may result in a slight
increase in ALS data noise, but the trade-off is a shorter pause
time.
Figure 19:
ALS and Proximity Measurement in Concurrent Mode
ALS
integ
ASD
AWTIME
ALS_Init_Time
Start s hifts
AVSYNC_EN=0
PSD
Prox
integ
Prox_Init_Time
Start s hifts
PVSYNC_EN=0
PSD
Prox
integ
Temp_Meas
(if en abled)
PWTIME
Start s hifts
PVSYNC_EN=0
Temp_Meas
(if en abled)
Prox_Init_Time
PWTIME
ASD
ALS
integ
ALS_Init_Time
Start s hifts
AVSYNC_EN=0
PSD
Prox
integ
Temp_Meas
(if en abled)
Start s hifts
PVSYNC_EN=0
Prox_Init_Time
PWTIME
ALS
hold
ALS
integ
ALS
hold
ALS
integ
PON=1
PEN=AEN=1
PWEN=AWEN=1
PVSYNC=1
AVSYNC=1
VSYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com