| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9880/PCB bảng dữ liệu(PDF) 40 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9880/PCB bảng dữ liệu(HTML) 40 Page - Analog Devices |
|
40 / 64 page ![]() AD9880 Rev. 0 | Page 40 of 64 0x13 7-0 Precoast This register allows the internally generated Coast signal to be applied prior to the Vsync signal. This is necessary in cases where pre-equalization pulses are present. The step size for this control is one Hsync period. For Precoast to work correctly, it is necessary for the Vsync filter (0x21, Bit 5) and sync processing filter (0x21 Bit 7) both to be either enabled or disabled. The power-up default is 0. 0x14 7-0 Postcoast This register allows the internally generated Coast signal to be applied following the Vsync signal. This is necessary in cases where post-equalization pulses are present. The step size for this control is one Hsync period. For Postcoast to work correctly, it is necessary for the Vsync filter (0x21, Bit 5) and sync processing filter (0x21, Bit 7) both to be either enabled or disabled. The power-up default is 0. STATUS OF DETECTED SIGNALS 0x15 7 Hsync0 Detection Bit Indicates if Hsync0 is active. This bit is used to indicate when activity is detected on the Hsync0 input pin. If Hsync is held high or low, activity is not detected. The sync processing block diagram shows where this function is implemented. 0 = Hsync0 not active. 1 = Hsync0 is active. Table 15. Hsync0 Detection Results Detect Result 0 No activity detected 1 Activity detected 0x15 6 Hsync1 Detection Bit Indicates if Hsync1 is active. This bit is used to indi- cate when activity is detected on the Hsync1 input pin. If Hsync is held high or low, activity is not detected. The sync processing block diagram shows where this function is implemented. 0 = Hsync1 not active. 1 = Hsync1 is active. Table 16. Hsync1 Detection Result Detect Result 0 No activity detected 1 Activity detected 0x15 5 Vsync0 Detection Bit Indicates if Vsync0 is active. This bit is used to indicate when activity is detected on the Vsync0 input pin. If Vsync is held high or low, activity is not detected. The sync processing block diagram shows where this function is implemented. 0 = Vsync0 not active. 1 = Vsync0 is active. Table 17. Vsync0 Detection Results Detect Result 0 No activity detected 1 Activity detected 0x15 4 Vsync1 Detection Bit Indicates if Vsync1 is active. This bit is used to indicate when activity is detected on the Vsync1 input pin. If Vsync is held high or low, activity is not detected. The sync processing block diagram shows where this function is implemented. 0 = Vsync1 not active. 1 = Vsync1 is active. Table 18. Vsync1 Detection Results Detect Result 0 No activity detected 1 Activity detected 0x15 3 SOG0 Detection Bit Indicates if SOG0 is active. This bit is used to indicate when activity is detected on the SOG0 input pin. If SOG is held high or low, activity is not detected. The sync processing block diagram shows where this function is implemented. 0 = SOG0 not active. 1 = SOG0 is active. Table 19. SOG0 Detection Result Detect Result 0 No activity detected 1 Activity detected 0x15 2 SOG1 Detection Bit Indicates if SOG1 is active. This bit is used to indicate when activity is detected on the SOG1 input pin. If SOG is held high or low, activity is not detected. The sync processing block diagram shows where this function is implemented. 0 = SOG1 not active. 1 = SOG1 is active. Table 20. SOG1 Detection Results Detect Result 0 No activity detected 1 Activity detected |