công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9880 bảng dữ liệu(PDF) 33 Page - Analog Devices

tên linh kiện AD9880
Giải thích chi tiết về linh kiện  Analog/HDMI Dual Display Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9880 bảng dữ liệu(HTML) 33 Page - Analog Devices

Back Button AD9880 Datasheet HTML 29Page - Analog Devices AD9880 Datasheet HTML 30Page - Analog Devices AD9880 Datasheet HTML 31Page - Analog Devices AD9880 Datasheet HTML 32Page - Analog Devices AD9880 Datasheet HTML 33Page - Analog Devices AD9880 Datasheet HTML 34Page - Analog Devices AD9880 Datasheet HTML 35Page - Analog Devices AD9880 Datasheet HTML 36Page - Analog Devices AD9880 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
AD9880
Rev. 0 | Page 33 of 64
Hex
Address
Read/Write
or Read Only
Bits
Default
Value
Register Name
Description
0x90
Read
[7:0]
Audio Infoframe
Version
0x91
Read
[7:4]
Audio Coding Type
CT [3:0]. Audio coding type.
0x00
=
Refer to stream header.
0x01
=
IEC60958 PCM.
0x02
=
AC3.
0x03
=
MPEG1 (Layers 1 and 2).
0x04
=
MP3 (MPEG1 Layer 3).
0x05
=
MPEG2 (multichannel).
0x06
=
AAC.
0x07
=
DTS.
0x08
=
ATRAC.
[2:0]
Audio Coding Count
CC [2:0]. Audio channel count.
000 = refer to stream header.
001 = 2 channels.
010 = 3 channels.
111 = 8 channels
0x92
Read
[4:2]
Sampling Frequency
SF [2:0]. Sampling frequency.
000 = refer to stream header.
001 = 32 kHz.
010 = 44.1 kHz (CD).
011 = 48 kHz.
100 = 88.2 kHz.
101 = 96 kHz.
110 = 176.4 kHz.
111 = 192 kHz.
[1:0]
Sample Size
SS [1:0]. Sample size.
00
= refer to stream header.
01
= 16 bit.
10
= 20 bit.
11
= 24 bit.
0x93
Read
[7:0]
Max Bit Rate
Max bit rate (compressed audio only).The value of this field
multiplied by 8 kHz represents the maximum bit rate.
0x94
Read
[7:0]
Speaker Mapping
CA [7:0]. Speaker mapping or placement for up to 8 channels.
See table 91 in detailed description.
7
Down-Mix
DM_INH—down-mix inhibit.
0 = permitted or no information.
1 = prohibited.
0x95
Read
[6:3]
Level Shift
LSV [3:0]—level shift values with attenuation information.
0000
=
0 dB attenuation.
0001
=
1 dB attenuation.
…..
1111
=
15 dB attenuation.
0x96
Read
[7:0]
Reserved.
0x97
Read
[6:0]
New Data Flags
New data flags (see 0x87).
Source Product Description (SPD) Infoframe
0x98
Read
[7:0]
Source Product
Description (SPD)
Infoframe Version
0x99
Read
[7:0]
Vender Name
Character 1
Vender name character 1 (VN1) (7-bit ASCII code)—This is the
first character in 8 that is the name of the company that appears
on the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com