công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9396 bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD9396
Giải thích chi tiết về linh kiện  Analog/DVI Dual-Display Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9396 bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD9396 Datasheet HTML 7Page - Analog Devices AD9396 Datasheet HTML 8Page - Analog Devices AD9396 Datasheet HTML 9Page - Analog Devices AD9396 Datasheet HTML 10Page - Analog Devices AD9396 Datasheet HTML 11Page - Analog Devices AD9396 Datasheet HTML 12Page - Analog Devices AD9396 Datasheet HTML 13Page - Analog Devices AD9396 Datasheet HTML 14Page - Analog Devices AD9396 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
AD9396
Rev. 0 | Page 11 of 48
DESIGN GUIDE
GENERAL DESCRIPTION
The AD9396 is a fully integrated solution for capturing analog
RGB or YUV signals and digitizing them for display on flat
panel monitors, projectors, or PDPs. In addition, the AD9396
has a digital interface for receiving DVI signals and is capable of
decoding HDCP-encrypted signals through connections to an
external EEPROM. The circuit is ideal for providing an
interface for HDTV monitors or as the front end to high
performance video scan converters.
Implemented in a high performance CMOS process, the
interface can capture signals with pixel rates of up to 150 MHz.
The AD9396 includes all necessary input buffering, signal dc
restoration (clamping), offset and gain (brightness and contrast)
adjustment, pixel clock generation, sampling phase control, and
output data formatting. Included in the output formatting is a
color space converter (CSC), which accommodates any input
color space and can output any color space. All controls are
programmable via a 2-wire serial interface. Full integration of
these sensitive analog functions makes system design straight-
forward and less sensitive to the physical and electrical
environment.
DIGITAL INPUTS
All digital control inputs (HSYNC, VSYNC, I2C) on the
AD9396 operate to 3.3 V CMOS levels. In addition, all digital
inputs except the TMDS (HDMI/DVI) inputs are 5 V tolerant.
(Applying 5 V to them does not cause any damage.) TMDS
inputs (Rx0+/Rx0−, Rx1+/Rx1−, Rx2+/Rx2−, and RxC+/RxC−)
must maintain a 100 Ω differential impedance (through proper
PCB layout) from the connector to the input where they are
internally terminated (50 Ω to 3.3 V). If additional ESD
protection is desired, use of a California Micro Devices (CMD)
CM1213 (among others) series low capacitance ESD protection
offers 8 kV of protection to the HDMI TMDS lines.
ANALOG INPUT SIGNAL HANDLING
The AD9396 has six high impedance analog input pins for the
red, green, and blue channels. They accommodate signals
ranging from 0.5 V p-p to 1.0 V p-p.
Signals are typically brought onto the interface board via a
DVI-I connector, a 15-pin D connector, or RCA-type con-
nectors. The AD9396 should be located as close as practical to
the input connector. Signals should be routed via 75 Ω matched
impedance traces to the IC input pins.
At the input pins, the signal should be resistively terminated
(75 Ω to the signal ground return) and capacitively coupled to
the AD9396 inputs through 47 nF capacitors. These capacitors
form part of the dc restoration circuit.
In an ideal world of perfectly matched impedances, the best
performance can be obtained with the widest possible signal
bandwidth. The ultrawide bandwidth inputs of the AD9396
(330 MHz) can track the input signal continuously as it moves
from one pixel level to the next, and digitizes the pixel during a
long, flat pixel time. In many systems, however, there are
mismatches, reflections, and noise, which can result in excessive
ringing and distortion of the input waveform. This makes it
more difficult to establish a sampling phase that provides good
image quality. It has been shown that a small inductor in series
with the input is effective in rolling off the input bandwidth
slightly, and providing a high quality signal over a wider range
of conditions. Using a Fair-Rite #2508051217Z0 HIGH SPEED
SIGNAL CHIP BEAD inductor in the circuit, as shown in
Figure 3, gives good results in most applications.
RGB
INPUT
47nF
75
Ω
RAIN
GAIN
BAIN
Figure 3. Analog Input Interface Circuit
HSYNC AND VSYNC INPUTS
The interface also takes a horizontal sync signal, which is used
to generate the pixel clock and clamp timing. This can be either
a sync signal directly from the graphics source, or a prepro-
cessed TTL or CMOS level signal.
The HSYNC input includes a Schmitt trigger buffer for
immunity to noise and signals with long rise times. In typical
PC-based graphic systems, the sync signals are TTL-level
drivers feeding unshielded wires in the monitor cable. As such,
no termination is required.
SERIAL CONTROL PORT
The serial control port is designed for 3.3 V logic. However, it is
tolerant of 5 V logic signals.
OUTPUT SIGNAL HANDLING
The digital outputs are designed to operate from 1.8 V to 3.3 V
(VDD).
CLAMPING
RGB Clamping
To properly digitize the incoming signal, the dc offset of the
input must be adjusted to fit the range of the on-board ADC.
Most graphics systems produce RGB signals with black at
ground and white at approximately 0.75 V. However, if sync
signals are embedded in the graphics, the sync tip is often at
ground and black is at 300 mV. Then white is at approximately
1.0 V. Some common RGB line amplifier boxes use emitter-
follower buffers to split signals and increase drive capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com