công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KWCSLPM2.CC bảng dữ liệu(PDF) 21 Page - ams AG

tên linh kiện KWCSLPM2.CC
Giải thích chi tiết về linh kiện  This most compact 3 x 3 mm high-power LED with electrically isolated thermal pad allows superior heat dissipation designs.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

KWCSLPM2.CC bảng dữ liệu(HTML) 21 Page - ams AG

Back Button KWCSLPM2.CC Datasheet HTML 17Page - ams AG KWCSLPM2.CC Datasheet HTML 18Page - ams AG KWCSLPM2.CC Datasheet HTML 19Page - ams AG KWCSLPM2.CC Datasheet HTML 20Page - ams AG KWCSLPM2.CC Datasheet HTML 21Page - ams AG KWCSLPM2.CC Datasheet HTML 22Page - ams AG KWCSLPM2.CC Datasheet HTML 23Page - ams AG KWCSLPM2.CC Datasheet HTML 24Page - ams AG KWCSLPM2.CC Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
KW CSLPM2.CC
DATASHEET
DATASHEET
21 | Version 1.5 | 2023-07-03
Chip Technology:
P:
Standard power class
Encapsulant Type / Lens Properties
L:
No lens (Lambertian)
Emission color:
W:
white
Product
version
K: Automotive
and Industry
Product
Technology Concept
M:
Silicone encapsulation
(molding)
Platform: Ceramic
Package Type
C: Toplooker
Ceramic package
w/o reflector
Lead / Package Properties
Ceramic packages:
S: 3030
Type Designation System
K
W
C
S
L
P
M
2
.
C
C
Binning Information:
Converted colors:
C:
A
NSI fine binning
Converted Colors
C: high CRI solution
P: low CRI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26