| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4LS5K bảng dữ liệu(PDF) 9 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
4LS5K bảng dữ liệu(HTML) 9 Page - ams AG |
|
9 / 115 page ![]() Document Feedback 4LS General Description Datasheet • PUBLIC DS000542 • v3-01 • 2022-Nov-17 114 │ 8 Figure 5: 4LS15K Sensor’s Functional Blocks – First 2K5 Segment in Detail S&H ADC SRAM CDS Stage 4 x Readout 4 x Serializer 4 x LVDS Data Channels S&H ADC SRAM CDS Stage 4 x Readout 4 x Serializer 4 x LVDS Data Channels Bias & Reference Generation PLL Serializer Data Cl ock LVDS SPI Temperature Sensor RST_CDS_L1 SAMPLE_L1 EXT_SYNC EXT_SYNC START_READOUT SAMPLE_L2 RST_CDS_L2 SCLK N_CS MOSI MISO FORCE_UPDATE 1 2 ... 15 16 17 18 19 20 ... 2557 2558 2559 2560 2561 2562 ... 2575 2576 1 2 ... 15 16 17 18 19 20 ... 2557 2558 2559 2560 2561 2562 ... 2575 2576 1 2 ... 15 16 17 18 19 20 ... 2557 2558 2559 2560 2561 2562 ... 2575 2576 1 2 ... 15 16 17 18 19 20 ... 2557 2558 2559 2560 2561 2562 ... 2575 2576 N_RST_SPI N_RST_PLL RST_CVC_L2 RST_CVC_L1 RST_CVC_L2 RST_CVC_L1 Bias & Reference Generation Temperature Sensor MCLK SPI 4 x Readout SRAM ADC 4 x Serializer S&H CDS Stage START_AD EXT_SYNC RST_CDS_L1 SAMPLE_L1 START_READOUT N_RST_LO GIC MCLK 4 x Readout SRAM ADC 4 x Serializer S&H CDS Stage START_AD EXT_SYNC RST_CDS_L2 SAMPLE_L2 N_RST_LO GIC START_READOUT Serializer PLL N_RST_PLL MCLK SCLK N_CS MOSI MISO FORCE_UPDATE N_RST_SPI MCLK 4 x LVDS Data Channels 4 x LVDS Data Channels Data Cl ock LVDS TOP BOTTOM 5.6 um 5.6 um 5.6 um 4LS15K – 2K5 Segment N_RST_LOGIC START_AD N_RST_LO GIC START_AD N_RST_LO GIC MCLK MCLK N_RST_LO GIC LVAL LVAL START_READOUT N_RST_LOGIC MCLK LVAL LVAL N_RST_LO GIC MCLK |