công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7797 bảng dữ liệu(PDF) 19 Page - Analog Devices

tên linh kiện AD7797
Giải thích chi tiết về linh kiện  Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7797 bảng dữ liệu(HTML) 19 Page - Analog Devices

Back Button AD7797 Datasheet HTML 15Page - Analog Devices AD7797 Datasheet HTML 16Page - Analog Devices AD7797 Datasheet HTML 17Page - Analog Devices AD7797 Datasheet HTML 18Page - Analog Devices AD7797 Datasheet HTML 19Page - Analog Devices AD7797 Datasheet HTML 20Page - Analog Devices AD7797 Datasheet HTML 21Page - Analog Devices AD7797 Datasheet HTML 22Page - Analog Devices AD7797 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD7796/AD7797
Rev. A | Page 19 of 24
Continuous Read Mode
Rather than write to the communication register each time a
conversion is complete to access the data, the AD7796/AD7797
can be configured to automatically place the conversions on the
DOUT/RDY line. By writing 01011100 to the communication
register, the user need only apply the appropriate number of
SCLK cycles to the ADC. The 16-/24-bit word is automatically
placed on the DOUT/RDY line when a conversion is complete.
The ADC should be configured for continuous conversion mode.
When DOUT/RDY goes low to indicate the end of a conversion,
sufficient SCLK cycles must be applied to the ADC. The data
conversion is placed on the DOUT/RDY line. When the conver-
sion is read, DOUT/RDY returns high until the next conversion
is available. In this mode, the data can be read only once.
The user must also ensure that the data-word is read before the
next conversion is complete. If the user has not read the
conversion before the completion of the next conversion, or if
insufficient serial clocks are applied to the AD7796/AD7797 to
read the word, the serial output register is reset when the next
conversion is complete. The new conversion is placed in the
output serial register.
To exit continuous read mode, the instruction 01011000 must
be written to the communication register while the DOUT/RDY
pin is low. While in continuous read mode, the ADC monitors
activity on the DIN line to receive the instruction to exit the
continuous read mode. Additionally, a reset occurs if 32
consecutive 1s are seen on DIN. Therefore, DIN should be
held low in continuous read mode until an instruction is
written to the device.
DIN
SCLK
DOUT/RDY
CS
0x5C
DATA
DATA
DATA
Figure 16. Continuous Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com