| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PDTC144W bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDTC144W bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 14 page ![]() 2004 Aug 17 2 Philips Semiconductors Product specification NPN resistor-equipped transistors; R1=47k Ω, R2 = 22 kΩ PDTC144W series FEATURES • Built-in bias resistors • Simplified circuit design • Reduction of component count • Reduced pick and place costs. APPLICATIONS • General purpose switching and amplification • Inverter and interface circuits • Circuit driver. QUICK REFERENCE DATA DESCRIPTION NPN resistor-equipped transistor (see “Simplified outline, symbol and pinning” for package details). SYMBOL PARAMETER TYP. MAX. UNIT VCEO collector-emitter voltage − 50 V IO output current (DC) − 100 mA R1 bias resistor 47 − k Ω R2 bias resistor 22 − k Ω PRODUCT OVERVIEW Note 1. * = p: Made in Hong Kong. * = t: Made in Malaysia. * = W: Made in China. TYPE NUMBER PACKAGE MARKING CODE PNP COMPLEMENT PHILIPS EIAJ PDTC144WE SOT416 SC-75 42 PDTA144WE PDTC144WEF SOT490 SC-89 34 PDTA144WEF PDTC144WK SOT346 SC-59 41 PDTA144WK PDTC144WM SOT883 SC-101 DD PDTA144WM PDTC144WS SOT54 (TO-92) SC-43 TC144W PDTA144WS PDTC144WT SOT23 − *20(1) PDTA144WT PDTC144WU SOT323 SC-70 *20(1) PDTA144WU |