công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PDTA143ES bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện PDTA143ES
Giải thích chi tiết về linh kiện  PNP resistor-equipped transistors; R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA143ES bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  PDTA143ES Datasheet HTML 1Page - NXP Semiconductors PDTA143ES Datasheet HTML 2Page - NXP Semiconductors PDTA143ES Datasheet HTML 3Page - NXP Semiconductors PDTA143ES Datasheet HTML 4Page - NXP Semiconductors PDTA143ES Datasheet HTML 5Page - NXP Semiconductors PDTA143ES Datasheet HTML 6Page - NXP Semiconductors PDTA143ES Datasheet HTML 7Page - NXP Semiconductors PDTA143ES Datasheet HTML 8Page - NXP Semiconductors PDTA143ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2004 Aug 04
5
Philips Semiconductors
Product specification
PNP resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = 4.7 kΩ
PDTA143E series
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −50 V; IE =0
−−−100
nA
ICEO
collector-emitter cut-off current
VCE = −30 V; IB =0
−−−1
µA
VCE = −30 V; IB = 0; Tj = 150 °C
−−−50
µA
IEBO
emitter-base cut-off current
VEB = −5 V; IC =0
−−−0.9
mA
hFE
DC current gain
VCE = −5 V; IC = −10 mA
30
−−
VCEsat
collector-emitter saturation voltage
IC = −10 mA; IB = −0.5 mA
−−−150
mV
Vi(off)
input-off voltage
IC = −100 µA; VCE = −5V
−−1.1
−0.5
V
Vi(on)
input-on voltage
IC = −20 mA; VCE = −0.3 V
−2.5
−1.9
−
V
R1
input resistor
3.3
4.7
6.1
k
Ω
resistor ratio
0.8
1
1.2
Cc
collector capacitance
IE =ie = 0; VCB = −10 V; f = 1 MHz −−
3pF
R2
R1
--------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14