| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LVC1G66 bảng dữ liệu(PDF) 2 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC1G66 bảng dữ liệu(HTML) 2 Page - Nexperia B.V. All rights reserved |
|
2 / 21 page ![]() Nexperia 74LVC1G66 Bilateral switch 4. Marking Table 2. Marking Type number Marking code [1] 74LVC1G66GW VL 74LVC1G66GV V66 74LVC1G66GM VL 74LVC1G66GN VL 74LVC1G66GS VL [1] The pin 1 indicator is located on the lower left corner of the device, below the marking code. 5. Functional diagram 001aag487 E Z Y Fig. 1. Logic symbol mna076 4 # 1 2 X1 1 1 Fig. 2. IEC logic symbol 001aam397 VCC E Y Z Fig. 3. Logic diagram 6. Pinning information 6.1. Pinning 74LVC1G66 Y VCC Z GND E 001aad654 1 2 3 5 4 Fig. 4. Pin configuration SOT353-1 (TSSOP5) and SOT753 (SC-74A) 74LVC1G66 Z 001aag498 Y GND n.c. VCC E Transparent top view 2 3 1 5 4 6 Fig. 5. Pin configuration SOT886 (XSON6) 74LVC1G66 Z 001aag499 Y GND n.c. VCC E Transparent top view 2 3 1 5 4 6 Fig. 6. Pin configuration SOT1115 and SOT1202 (XSON6) 74LVC1G66 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2022. All rights reserved Product data sheet Rev. 12 — 12 January 2022 2 / 21 |