| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
REF198FS-REEL bảng dữ liệu(PDF) 26 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
REF198FS-REEL bảng dữ liệu(HTML) 26 Page - Analog Devices |
|
26 / 28 page ![]() REF19x Series Rev. I | Page 26 of 28 ORDERING GUIDE Model Temperature Range Package Description Package Option Minimum Quantities/Reel REF191ES −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF191ES-REEL −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 2500 REF191ESZ1 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF191ESZ-REEL1 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 2500 REF191GP −40°C to +85°C 8-Lead PDIP P-Suffix (N-8) REF191GPZ1 −40°C to +85°C 8-Lead PDIP P-Suffix (N-8) REF191GS −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF191GS-REEL −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 2500 REF191GSZ1 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF191GSZ-REEL1 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 2500 REF192ES −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF192ES-REEL −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 2500 REF192ES-REEL7 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 1000 REF192ESZ1 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF192ESZ-REEL1 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 2500 REF192ESZ-REEL71 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 1000 REF192FS −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF192FS-REEL −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 2500 REF192FS-REEL7 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 1000 REF192FSZ1 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF192FSZ-REEL1 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 2500 REF192FSZ-REEL71 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 1000 REF192GP −40°C to +85°C 8-Lead PDIP P-Suffix (N-8) REF192GPZ1 −40°C to +85°C 8-Lead PDIP P-Suffix (N-8) REF192GRU −40°C to +85°C 8-Lead TSSOP RU-8 REF192GRU-REEL7 −40°C to +85°C 8-Lead TSSOP RU-8 1000 REF192GRUZ1 −40°C to +85°C 8-Lead TSSOP RU-8 REF192GRUZ-REEL71 −40°C to +85°C 8-Lead TSSOP RU-8 1000 REF192GS −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF192GS-REEL −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 2500 REF192GS-REEL7 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 1000 REF192GSZ1 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF192GSZ-REEL1 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 2500 REF192GSZ-REEL71 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 1000 REF193GS −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF193GS-REEL −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 2500 REF193GSZ1 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF193GSZ-REEL1 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 2500 REF194ES −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF194ES-REEL −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 2500 REF194ESZ1 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF194ESZ-REEL1 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 2500 REF194FS −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF194FSZ1 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF194GP −40°C to +85°C 8-Lead PDIP P-Suffix (N-8) REF194GPZ1 −40°C to +85°C 8-Lead PDIP P-Suffix (N-8) REF194GS −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF194GS-REEL −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 2500 REF194GS-REEL7 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 1000 REF194GSZ1 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF194GSZ-REEL1 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 2500 |