| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
REF195FSZ-REEL bảng dữ liệu(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
REF195FSZ-REEL bảng dữ liệu(HTML) 10 Page - Analog Devices |
|
10 / 28 page ![]() REF19x Series Rev. I | Page 10 of 28 ELECTRICAL CHARACTERISTICS—REF195 @ TA = 25°C @ VS = 5.10 V, TA = 25°C, unless otherwise noted. Table 14. Parameter Mnemonic Condition Min Typ Max Unit INITIAL ACCURACY1 E Grade VO IOUT = 0 mA 4.998 5.0 5.002 V F Grade 4.995 5.005 V G Grade 4.990 5.010 V LINE REGULATION2 E Grade ΔVO/ΔVIN 5.10 V ≤ VS ≤ 15 V, IOUT = 0 mA 2 4 ppm/V F and G Grades 4 8 ppm/V LOAD REGULATION2 E Grade ΔVO/ΔVLOAD VS = 6.30 V, 0 mA ≤ IOUT ≤ 30 mA 2 4 ppm/mA F and G Grades 4 8 ppm/mA DROPOUT VOLTAGE VS − VO VS = 5.50 V, ILOAD = 10 mA 0.50 V VS = 6.30 V, ILOAD = 30 mA 1.30 V LONG-TERM STABILITY3 DVO 1000 hours @ 125°C 1.2 mV NOISE VOLTAGE eN 0.1 Hz to 10 Hz 50 μV p-p 1 Initial accuracy includes temperature hysteresis effect. 2 Line and load regulation specifications include the effect of self-heating. 3 Long-term stability specification is noncumulative. The drift in subsequent 1000-hour periods is significantly lower than in the first 1000-hour period. ELECTRICAL CHARACTERISTICS—REF195 @ −40°C ≤ TA ≤ +85°C @ VS = 5.15 V, −40°C ≤ TA ≤ +85°C, unless otherwise noted. Table 15. Parameter Mnemonic Condition Min Typ Max Unit TEMPERATURE COEFFICIENT1,2 E Grade TCVO/°C IOUT = 0 mA 2 5 ppm/°C F Grade 5 10 ppm/°C G Grade3 10 25 ppm/°C LINE REGULATION4 E Grade ΔVO/ΔVIN 5.15 V ≤ VS ≤ 15 V, IOUT = 0 mA 5 10 ppm/V F and G Grades 10 20 ppm/V LOAD REGULATION4 E Grade ΔVO/ΔVLOAD VS = 6.30 V, 0 mA ≤ IOUT ≤ 25 mA 5 10 ppm/mA F and G Grades 10 20 ppm/mA DROPOUT VOLTAGE VS − VO VS = 5.50 V, ILOAD = 10 mA 0.50 V VS = 6.30 V, ILOAD = 25 mA 1.30 V SLEEP PIN Logic High Input Voltage VH 2.4 V Logic High Input Current IH −8 μA Logic Low Input Voltage VL 0.8 V Logic Low Input Current IL −8 μA SUPPLY CURRENT No load 45 μA Sleep Mode No load 15 μA 1 For proper operation, a 1 μF capacitor is required between the output pin and the GND pin of the device. 2 TCVO is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/°C. TCVO = (VMAX − VMIN)/VO(TMAX − TMIN) 3 Guaranteed by characterization. 4 Line and load regulation specifications include the effect of self-heating. |