công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

953/02 bảng dữ liệu(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

tên linh kiện 953/02
Giải thích chi tiết về linh kiện  PCB connector Screw connection, wire entrance vertical to PCB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WECO [WECO ELECTRICAL CONNECTORS INC.]
Trang chủ  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

953/02 bảng dữ liệu(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  953/02 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
953(-DS)
PCB connector
Screw connection, wire entrance vertical to PCB
11.17
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
2-4 poles: CTI ≥ 600; 5-16 poles: CTI 400
Insulating Group
2-4 poles: I; 5-16 poles: II
Temperature Range
-40°C up to 100°C
Terminal body
Tin plated brass
Screw
M2,6; zinc plated steel, blue passivated
Solder pin
ø 1 mm; tin plated copper
Wire protector
Tin plated tin bronze
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Self-adhesive marking strip BST-10,00
CONFIGURATIONS
Poles Part number
Article number
Part number
Article number
Length (L)
Packaging
PU
2 953/02
12.871.083
953-DS/02
22.871.083
15,00 mm
Box
250
3 953/03
12.871.085
953-DS/03
22.871.085
25,00 mm
Box
100
4 953/04
12.871.022
953-DS/04
22.871.022
35,00 mm
Box
100
5 953/05
12.871.019
953-DS/05
22.871.019
45,00 mm
Box
100
6 953/06
12.871.021
953-DS/06
22.871.021
55,00 mm
Box
100
GENERAL INFORMATION
Pitch
10 mm
No. of poles
2 - 16
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
without wire protector
0,75 - 4 mm² / 0,75 - 2,5 mm² / 18 - 12 AWG
with wire protector
0,34 - 2,5 mm² / 0,34 - 2,5 mm² / 22 - 14 AWG
Rated Cross Section
1,5 mm²
Wire Stripping Length
5 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
630 V (500 V)
630 V
1000 V
Rated Impulse Voltage
6 kV
6 kV
6 kV
Rated Insulation Voltage
750 V acc. to EN 60998-1
Rated Current
17,5 A
Hole in PCB
ø 1,3 mm
Torque
0,4 Nm
Other specifications
Rated voltage in brackets applies to 5-16-pole
connectors, “no-flame” according to glow wire test
applies to 2-4-pole connectors.
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
15
10
300
300
B
D
26 - 14
26 - 14
0,4
0,4
15
10
300
300
B
D, E
26 - 14
26 - 14
0,4
0,4
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Số phần tương tự - 953/02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keystone Electronics Co...
953 KEYSTONE-953 Datasheet
152Kb / 1P
CONN PLUG USB3.0 MICRO USB B SLD
logo
Adafruit Industries
953 ADAFRUIT-953 Datasheet
116Kb / 2P
EL Flowing Effect Wire with Inverter - Pink 2.0 meter (6.5 ft)
7/27/2015
logo
EAO AG.
953+2000-00 EAO-953+2000-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
953+2000-0P EAO-953+2000-0P Datasheet
3Mb / 86P
Switches and Indicators
01.2002
953+2000-W0 EAO-953+2000-W0 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
More results

Mô tả tương tự - 953/02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
WECO ELECTRICAL CONNECT...
180-A-121 WECO-180-A-121 Datasheet
90Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
07.11
181-A-121 WECO-181-A-121 Datasheet
106Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
07.11
210-A-121 WECO-210-A-121 Datasheet
72Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
12.12
931 WECO-931 Datasheet
60Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
02.13
941 WECO-941 Datasheet
87Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
951 WECO-951 Datasheet
80Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
961 WECO-961 Datasheet
86Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
971 WECO-971 Datasheet
102Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
977-OPSG WECO-977-OPSG Datasheet
147Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
982-W WECO-982-W Datasheet
57Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
06.18
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com