công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

941/05 bảng dữ liệu(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

tên linh kiện 941/05
Giải thích chi tiết về linh kiện  PCB connector Screw connection, wire entrance vertical to PCB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WECO [WECO ELECTRICAL CONNECTORS INC.]
Trang chủ  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

941/05 bảng dữ liệu(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  941/05 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
941(-DS)
PCB connector
Screw connection, wire entrance vertical to PCB
11.17
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
2-8 poles: CTI ≥ 600; 9-32 poles: CTI 250
Insulating Group
2-8 poles: I; 9-32 poles: IIIa
Temperature Range
-40°C up to 100°C
Terminal body
Tin plated brass
Screw
M2,6; zinc plated steel, blue passivated
Solder pin
ø 1 mm; tin plated brass
Wire protector
Tin plated tin bronze
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Self-adhesive marking strip BST-5,08
CONFIGURATIONS
Poles Part number
Article number
Part number
Article number
Length (L)
Packaging
PU
2 941/02
10.877.102
941-DS/02
20.877.102
10,16 mm
Box
250
3 941/03
10.877.103
941-DS/03
20.877.103
15,24 mm
Box
250
4 941/04
10.877.104
941-DS/04
20.877.104
20,32 mm
Box
200
5 941/05
10.877.105
941-DS/05
20.877.105
25,40 mm
Box
100
6 941/06
10.877.106
941-DS/06
20.877.106
30,48 mm
Box
100
further number of poles on request
GENERAL INFORMATION
Pitch
5,08 mm
No. of poles
2 - 32
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
without wire protector
0,75 - 4 mm² / 0,75 - 2,5 mm² / 18 - 12 AWG
with wire protector
0,34 - 2,5 mm² / 0,34 - 2,5 mm² / 22 - 14 AWG
Rated Cross Section
1,5 mm²
Wire Stripping Length
5 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
160 V
160 V
320 V (250 V)
Rated Impulse Voltage
2,5 kV
2,5 kV
2,5 kV
Rated Insulation Voltage
130 V acc. to EN 60998-1
Rated Current
17,5 A
Hole in PCB
ø 1,3 mm
Torque
0,4 Nm
Other specifications
Voltage data in brackets are valid for 9-32 poles
types. 2-8 poles types: "no-flame" acc. to glow-wire
test.
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
15
300
B
26 - 14
0,4
15
300
B
26 - 14
0,4
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Số phần tương tự - 941/05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Magnetrol International...
941 MAGNETROL-941 Datasheet
1,011Kb / 8P
ECHOTEL짰CONTACTULTRASOUND
logo
List of Unclassifed Man...
941 ETC2-941 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
941 ETC2-941 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
logo
Anderson Power Products...
941 APP-941 Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
941 APP-941 Datasheet
556Kb / 4P
SB® Environmental Boots
REV 03
More results

Mô tả tương tự - 941/05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
WECO ELECTRICAL CONNECT...
180-A-121 WECO-180-A-121 Datasheet
90Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
07.11
181-A-121 WECO-181-A-121 Datasheet
106Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
07.11
210-A-121 WECO-210-A-121 Datasheet
72Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
12.12
931 WECO-931 Datasheet
60Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
02.13
951 WECO-951 Datasheet
80Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
953 WECO-953 Datasheet
106Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
961 WECO-961 Datasheet
86Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
971 WECO-971 Datasheet
102Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
977-OPSG WECO-977-OPSG Datasheet
147Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
982-W WECO-982-W Datasheet
57Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
06.18
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com