công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NCV7708 bảng dữ liệu(PDF) 8 Page - ON Semiconductor

tên linh kiện NCV7708
Giải thích chi tiết về linh kiện  Double Hex Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7708 bảng dữ liệu(HTML) 8 Page - ON Semiconductor

Back Button NCV7708 Datasheet HTML 4Page - ON Semiconductor NCV7708 Datasheet HTML 5Page - ON Semiconductor NCV7708 Datasheet HTML 6Page - ON Semiconductor NCV7708 Datasheet HTML 7Page - ON Semiconductor NCV7708 Datasheet HTML 8Page - ON Semiconductor NCV7708 Datasheet HTML 9Page - ON Semiconductor NCV7708 Datasheet HTML 10Page - ON Semiconductor NCV7708 Datasheet HTML 11Page - ON Semiconductor NCV7708 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NCV7708
http://onsemi.com
8
Figure 2. SPI Timing Diagram
CSB
SO
89
SI
SO
SCLK
12
11
10
CSB
SCLK
3
1
2
5
4
7
6
SPI Communication
Standard 16−bit communication has been implemented
for the communication of this IC to turn drivers on and off,
and to report faults. (Reference the SPI Communication
Frame Format Diagram). The LSB (Least Significant Bit) is
clocked in first.
Communication is implemented as follows:
1. CSB goes low to allow serial data transfer.
2. A 16 bit word is clocked (SCLK) into the SI
(serial input) pin.
3. CSB goes high to transfer the clocked in
information to the data registers.
(Note: SO is tristate when CSB is high.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16