công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADV7183B bảng dữ liệu(PDF) 49 Page - Analog Devices

tên linh kiện ADV7183B
Giải thích chi tiết về linh kiện  Multiformat SDTV Video Decoder
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADV7183B bảng dữ liệu(HTML) 49 Page - Analog Devices

Back Button ADV7183B Datasheet HTML 45Page - Analog Devices ADV7183B Datasheet HTML 46Page - Analog Devices ADV7183B Datasheet HTML 47Page - Analog Devices ADV7183B Datasheet HTML 48Page - Analog Devices ADV7183B Datasheet HTML 49Page - Analog Devices ADV7183B Datasheet HTML 50Page - Analog Devices ADV7183B Datasheet HTML 51Page - Analog Devices ADV7183B Datasheet HTML 52Page - Analog Devices ADV7183B Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
ADV7183B
Rev. B | Page 49 of 100
CGMS Data Registers
CGMS1[7:0], Address 0x96[7:0],
CGMS2[7:0], Address 0x97[7:0],
CGMS3[7:0], Address 0x98[7:0]
223H
Figure 33 shows the bit correspondence between the analog
video waveform and the CGMS1/CGMS2/CGMS3 registers.
CGMS3[7:4] are undetermined and should be masked out by
software.
Closed Caption Data Registers
CCAP1[7:0], Address 0x99[7:0],
CCAP2[7:0], Address 0x9A[7:0]
224H
Figure 34 shows the bit correspondence between the analog
video waveform and the CCAP1/CCAP2 registers.
CCAP1[7] contains the parity bit from the first word.
CCAP2[7] contains the parity bit from the second word.
Refer to the
225H
GDECAD Gemstar Decode Ancillary Data Format,
Address 0x4C[0] section.
01
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
CGMS2[7:0]
CGMS3[3:0]
CGMS1[7:0]
REF
+100 IRE
+70 IRE
0 IRE
–40 IRE
11.2
μs
49.1ms ± 0.5
μs
CRC SEQUENCE
2.235
μs ± 20ns
Figure 33. CGMS Data Extraction
Table 60. CGMS Access Information
Signal Name
Register Location
Address
Register Default Value
CGMS1[7:0]
CGMS 1[7:0]
150d
0x96
Readback only
CGMS2[7:0]
CGMS 2[7:0]
151d
0x97
Readback only
CGMS3[3:0]
CGMS 3[3:0]
152d
0x98
Readback only
0
REFERENCE COLOR BURST
(9 CYCLES)
FREQUENCY = FSC = 3.579545MHz
AMPLITUDE = 40 IRE
1
CCAP1[7:0]
7 CYCLES
OF 0.5035MHz
(CLOCK RUN-IN)
CCAP2[7:0]
2 3 4 5 6 7 0 1 2 3 4 5 67
P
A
R
I
T
Y
S
T
A
R
T
P
A
R
I
T
Y
BYTE 1
BYTE 0
33.764
μs
10.003
μs
10.5 ± 0.25
μs
12.91
μs
27.382
μs
50 IRE
40 IRE
Figure 34. Closed Caption Data Extraction
Table 61. CCAP Access Information
Signal Name
Register Location
Address
Register Default Value
CCAP1[7:0]
CCAP1[7:0]
153d
0x99
Readback only
CCAP2[7:0]
CCAP2[7:0]
154d
0x9A
Readback only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com