công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5643R bảng dữ liệu(PDF) 26 Page - Analog Devices

tên linh kiện AD5643R
Giải thích chi tiết về linh kiện  Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5643R bảng dữ liệu(HTML) 26 Page - Analog Devices

Back Button AD5643R Datasheet HTML 20Page - Analog Devices AD5643R Datasheet HTML 21Page - Analog Devices AD5643R Datasheet HTML 22Page - Analog Devices AD5643R Datasheet HTML 23Page - Analog Devices AD5643R Datasheet HTML 24Page - Analog Devices AD5643R Datasheet HTML 25Page - Analog Devices AD5643R Datasheet HTML 26Page - Analog Devices AD5643R Datasheet HTML 27Page - Analog Devices AD5643R Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD5623R/AD5643R/AD5663R
Rev. A | Page 26 of 28
APPLICATIONS INFORMATION
USING A REFERENCE AS A POWER SUPPLY
Because the supply current required by the AD5623R/AD5643R/
AD5663R is extremely low, an alternative option is to use a
voltage reference to supply the required voltage to the parts (see
Figure 60). This is especially useful if the power supply is quite
noisy or if the system supply voltages are at some value other
than 5 V or 3 V, for example, 15 V. The voltage reference outputs
a steady supply voltage for the AD5623R/AD5643R/ AD5663R.
If the low dropout REF195 is used, it must supply 500 μA of
current to the AD5623R/AD5643R/AD5663R, with no load on
the output of the DAC. When the DAC output is loaded, the
REF195 also needs to supply the current to the load. The total
current required (with a 5 kΩ load on the DAC output) is
500 μA + (5 V/5 kΩ) = 1.25 mA
The load regulation of the REF195 is typically 2 ppm/mA,
which results in a 3 ppm (15 μV) error for the 1.5 mA current
drawn from it. This corresponds to a 0.196 LSB error.
AD5623R/
AD5643R/
AD5663R
THREE-WIRE
SERIAL
INTERFACE
SYNC
SCLK
DIN
15V
5V
VOUT = 0V TO 5V
VDD
REF195
Figure 60. REF195 as Power Supply to the AD5623R/AD5643R/AD5663R
BIPOLAR OPERATION USING THE AD5663R
The AD5663R has been designed for single-supply operation,
but a bipolar output range is also possible using the circuit in
Figure 61. The circuit gives an output voltage range of ±5 V.
Rail-to-rail operation at the amplifier output is achievable using
an AD820 or an OP295 as the output amplifier.
The output voltage for any input code can be calculated as
follows:
⎥
⎦
⎤
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
×
−
⎟
⎠
⎞
⎜
⎝
⎛
+
×
⎟
⎠
⎞
⎜
⎝
⎛
×
=
R1
R2
V
R1
R2
R1
D
V
V
DD
DD
O
536
,
65
where D represents the input code in decimal (0 to 65,535).
With VDD = 5 V, R1 = R2 = 10 kΩ,
V
5
536
,
65
10
−
⎟
⎠
⎞
⎜
⎝
⎛
×
=
D
V
O
This is an output voltage range of ±5 V, with 0x0000 corre-
sponding to a −5 V output, and 0xFFFF corresponding to
a +5 V output.
THREE-WIRE
SERIAL
INTERFACE
R2 = 10kΩ
+5V
–5V
AD820/
OP295
+5V
AD5663R
VDD
VOUT
R1 = 10kΩ
±5V
0.1µF
10µF
Figure 61. Bipolar Operation with the AD5663R
USING THE AD5663R WITH A
GALVANICALLY ISOLATED INTERFACE
In process control applications in industrial environments,
it is often necessary to use a galvanically isolated interface to
protect and isolate the controlling circuitry from any hazardous
common-mode voltages that can occur in the area where
the DAC is functioning. iCoupler® provides isolation in excess
of 2.5 kV. The AD5663R uses a 3-wire serial logic interface, so
the ADuM1300 3-channel digital isolator provides the required
isolation (see Figure 62). The power supply to the part also
needs to be isolated, which is done by using a transformer. On
the DAC side of the transformer, a 5 V regulator provides the
5 V supply required for the AD5663R.
0.1µF
5V
REGULATOR
GND
DIN
SYNC
SCLK
POWER
10µF
SDI
SCLK
DATA
AD5663R
VOUT
VOB
VOA
VOC
VDD
VIC
VIB
VIA
ADuM1300
Figure 62. AD5663R with a Galvanically Isolated Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com