| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EVAL-AD5533EB bảng dữ liệu(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EVAL-AD5533EB bảng dữ liệu(HTML) 2 Page - Analog Devices |
|
2 / 16 page ![]() REV. A –2– AD5533B–SPECIFICATIONS (VDD = +8 V to +16.5 V, VSS = –4.75 V to –16.5 V; AVCC = +4.75 V to +5.25 V; DVCC = 2.7 V to 5.25 V; AGND = DGND = DAC_GND = 0 V; REF_IN = 3 V; OFFS_IN = 0 V; Output Range from VSS + 2 V to VDD – 2 V. All outputs unloaded. All specifications TMIN to TMAX, unless otherwise noted.) Parameter 1 B Version 2 Unit Conditions/Comments ANALOG CHANNEL VIN to VOUT Nonlinearity ±0.006 % typ Input Range 100 mV to 2.96 V ±0.018 % max After Gain and Offset Adjustment Total Unadjusted Error (TUE) ±2.5 mV typ See TPC 6. ±12 mV max Gain 3.51/3.52/3.53 min/typ/max Offset Error ±1 mV typ See TPC 2. ±10 mV max ANALOG INPUT (VIN) Input Voltage Range 0 to 3 V Nominal Input Range Input Lower Dead Band 70 mV max 50 mV typ. Referred to VIN. See Figure 5. Input Upper Dead Band 40 mV max 12 mV typ. Referred to VIN. See Figure 5. Input Current 1 µA max 100 nA typ. VIN acquired on one channel. Input Capacitance 3 20 pF typ ANALOG INPUT (OFFS_IN) Input Voltage Range 0/4 V min/max Output Range Restricted from VSS + 2 V to VDD – 2 V Input Current 1 µA max 100 nA typ VOLTAGE REFERENCE REF_IN Nominal Input Voltage 3.0 V Input Voltage Range 3 2.85/3.15 V min/max Input Current 1 µA max <1 nA typ REF_OUT Output Voltage 3 V typ Output Impedance 3 280 k Ω typ Reference Temperature Coefficient 3 60 ppm/ °C typ ANALOG OUTPUTS (VOUT 0–31) Output Temperature Coefficient 3, 4 10 ppm/ °C typ DC Output Impedance 0.5 Ω typ Output Range VSS + 2/VDD – 2 V min/max 100 µA Output Load Resistive Load 3, 5 5 k Ω min Capacitive Load 3, 5 100 pF max Short-Circuit Current 3 7 mA typ DC Power Supply Rejection Ratio 3 –70 dB typ VDD = +15 V ± 5% –70 dB typ VSS = –15 V ± 5% DC Crosstalk 3 250 µV max Outputs Loaded ANALOG OUTPUT (OFFS_OUT) Output Temperature Coefficient 3, 4 10 ppm/ °C typ DC Output Impedance 3 1.3 k Ω typ Output Range 50 to REF_IN – 12 mV typ Output Current 10 µA max Source Current Capacitive Load 100 pF max DIGITAL INPUTS 3 Input Current ±10 µA max 5 µA typ Input Low Voltage 0.8 V max DVCC = 5 V ± 5% 0.4 V max DVCC = 3 V ± 10% Input High Voltage 2.4 V min DVCC = 5 V ± 5% 2.0 V min DVCC = 3 V ± 10% Input Hysteresis ( SCLK and CS Only) 200 mV typ Input Capacitance 10 pF max |