công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5362BSTZ bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD5362BSTZ
Giải thích chi tiết về linh kiện  8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5362BSTZ bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD5362BSTZ Datasheet HTML 6Page - Analog Devices AD5362BSTZ Datasheet HTML 7Page - Analog Devices AD5362BSTZ Datasheet HTML 8Page - Analog Devices AD5362BSTZ Datasheet HTML 9Page - Analog Devices AD5362BSTZ Datasheet HTML 10Page - Analog Devices AD5362BSTZ Datasheet HTML 11Page - Analog Devices AD5362BSTZ Datasheet HTML 12Page - Analog Devices AD5362BSTZ Datasheet HTML 13Page - Analog Devices AD5362BSTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
AD5362/AD5363
Preliminary Technical Data
Rev. P
rF | Page 10 of 25
Pin Name
Function
GPIO
Digital I/O pin. This pin can be configured as an input or output that can be read or programmed high or low via the serial
interface. When configured as an input it has a weak pulldown.
BIN/2SCOMP
Digital input, sets the DAC coding. 0 = offset binary, 1 = 2’s complement. This input has a weak pulldown.
EXPOSED
PADDLE
The Lead Free Chip Scale Package (LFCSP) has an exposed paddle on the underside. This should be connected to VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25