công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ARW2 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện ARW2
Giải thích chi tiết về linh kiện  1W to 14W AXIAL LEAD WIRE WOUND RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

ARW2 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  ARW2 Datasheet HTML 1Page - List of Unclassifed Manufacturers ARW2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER SOLUTION - NIKKOHM
0.5W to 10W AXIAL LEAD WIRE WOUND RESISTORS
ARW
Specifications
Resistance Ranges
Type
Rating
Power
Tolerance
Working
Voltage
Inductive
Non-inductive
ARW0.5
1W(0.5W)
20V
0.1-3K
0.1-1.5K
ARW1
2W(1.0W)
50V
0.1-8K
0.1-3K
ARW2
3W(2.0W)
100V
0.1-10K
0.1-4K
ARW3
5W(3.0W)
200V
0.1-18K
0.1-9K
ARW5
7W(5.0W)
400V
0.1-35K
0.1-17K
ARW7
10W(7.0W)
450V
0.1-50K
0.1-25K
ARW10S
14W(10.0W)
700V
0.1-70K
0.1-35K
ARW10L
14W(10.0W)
+/-0.05(A)
+/-0.1(B)
+/-1.0(F)
+/-5.0(J)
800V
0.1-100K
0.1-50K
Note: Resistance ranges are shown at tolerance of +/-1%, please call factory for +/-0.1% and +/-0.05%.
Performance
Specifications
Conditions
Temperature Coefficient
20 to 90 ppm/C
See note(1)
Load Life
+/-(0.5%+0.05ohm)
Humidity
+/-(0.2%+0.05ohm)
Thermal Shock
+/-(0.2%+0.05ohm)
Short Time Overload
+/-(0.2%+0.05ohm)
Dielectric
+/-(0.1%+0.05ohm)
500VAC min.
Insulation Resistance
1000Megohm min.
Dry condition.
Low Temperature Storage
+/-(0.2%+0.05ohm)
High Temperature Storage
+/-(0.5%+0.05ohm)
Mechanical Shock
+/-(0.1%+0.05ohm)
Vibration
+/-(0.1%+0.05ohm)
Thermal Strength
+/-(0.1%+0.05ohm)
Note:
(1) Below 1ohm: +/-90ppm/C, 1ohm to 9.9ohm:
+/-50ppm/C and 10ohms and above: +/-20ppm/C.
(2) Rated Power.
Rated power shall be applied under conditions in
which the ambient temperature is in 25C. (Refer
to right figure)
(3) Rated Voltage
Rated voltage shall be obtained from the following
equation E
2= P*R, where, E is rating voltage, P is
rating power and R is nominal resistance.
Materials
Core:
Alumina ceramic.
Resistance wire:
CuNi or NiCr alloy.
Terminal caps:
Metal cap
Leads:
Tin plated copper, welded to cap.
Protection:
Silicone resin.
20030112
Derating
%Rating Watts
100
25C
50
275C
0
-50
0
50 100 150 200 250 300
Ambient Temperature (C)



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com