công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC3G34DC bảng dữ liệu(PDF) 1 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LVC3G34DC
Giải thích chi tiết về linh kiện  Triple buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC3G34DC bảng dữ liệu(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC3G34DC Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC3G34DC Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC3G34DC Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC3G34DC Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC3G34DC Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC3G34DC Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC3G34DC Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC3G34DC Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC3G34DC Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
74LVC3G34
Triple buffer
Rev. 14 — 25 August 2021
Product data sheet
1. General description
The 74LVC3G34 is a triple buffer. Inputs can be driven from either 3.3 V or 5 V devices. This
feature allows the use of these devices as translators in mixed 3.3 V and 5 V environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• ±24 mA output drive (VCC = 3.0 V)
• CMOS low power consumption
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD36 (4.5 V to 5.5 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C


Số phần tương tự - 74LVC3G34DC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LVC3G34DC PHILIPS-74LVC3G34DC Datasheet
79Kb / 14P
Triple buffer gate
Rev. 03-31 January 2005
74LVC3G34DC NXP-74LVC3G34DC Datasheet
87Kb / 14P
Triple buffer
Rev. 05-5 October 2007
74LVC3G34DC NXP-74LVC3G34DC Datasheet
100Kb / 16P
Triple buffer
Rev. 07-9 May 2008
logo
Nexperia B.V. All right...
74LVC3G34DC NEXPERIA-74LVC3G34DC Datasheet
827Kb / 21P
Triple buffer
Rev. 12 15 December 2016
74LVC3G34DC,125 NEXPERIA-74LVC3G34DC,125 Datasheet
827Kb / 21P
Triple buffer
Rev. 12 15 December 2016
More results

Mô tả tương tự - 74LVC3G34DC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74V2G70 STMICROELECTRONICS-74V2G70 Datasheet
129Kb / 8P
TRIPLE BUFFER
Jun-2003
74V2T70 STMICROELECTRONICS-74V2T70 Datasheet
124Kb / 7P
TRIPLE BUFFER
Jun-2003
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16 Datasheet
89Kb / 8P
Triple Buffer
November, 2003 ??Rev. 2
NL37WZ16 ONSEMI-NL37WZ16_06 Datasheet
69Kb / 5P
Triple Buffer
April, 2006 ??Rev. 4
logo
NXP Semiconductors
74LVC3G34 NXP-74LVC3G34 Datasheet
87Kb / 14P
Triple buffer
Rev. 05-5 October 2007
74LVC3G34 NXP-74LVC3G34_08 Datasheet
100Kb / 16P
Triple buffer
Rev. 07-9 May 2008
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16_12 Datasheet
105Kb / 5P
Triple Buffer
April, 2012 ??Rev. 7
NL37WZ16 ONSEMI-NL37WZ16_14 Datasheet
69Kb / 5P
Triple Buffer
July, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74LVC3G16 NEXPERIA-74LVC3G16 Datasheet
762Kb / 15P
Triple buffer
74LVC3G34-Q100 NEXPERIA-74LVC3G34-Q100 Datasheet
200Kb / 11P
Triple buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com