| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP2107ACPZ-1.2-R7 bảng dữ liệu(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP2107ACPZ-1.2-R7 bảng dữ liệu(HTML) 28 Page - Analog Devices |
|
28 / 32 page ![]() ADP2105/ADP2106/ADP2107 Rev. 0 | Page 28 of 32 POWER GROUND PLANE INPUT VOLTAGE PLANE CONNECTING THE TWO PWIN PINS AS CLOSE AS POSSIBLE. CONNECT THE PGND PIN TO THE POWER GROUND PLANE AS CLOSE TO THE ADP2105/ADP2106/ADP2107 AS POSSIBLE. CONNECT THE EXPOSED PAD OF THE ADP2105/ADP2106/ADP2107 TO A LARGE GROUND PLANE TO AID POWER DISSIPATION. FEEDBACK TRACE: THIS TRACE CONNECTS THE TOP OF THE RESISTIVE VOLTAGE DIVIDER ON THE FB PIN TO THE OUTPUT. PLACE THIS TRACE AS FAR AWAY FROM THE LX NODE AND HIGH CURRENT TRACES AS POSSIBLE TO PREVENT NOISE PICKUP. VIN VIN ANALOG GROUND PLANE ENABLE GND GND VOUT Figure 53. Recommended Layout of Bottom Layer of ADP2105/ADP2106/ADP2107 |