| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BCC0LWN bảng dữ liệu(PDF) 2 Page - Balluff Korea Ltd. |
|
|
|||||||||||||||||||||||||||||
BCC0LWN bảng dữ liệu(HTML) 2 Page - Balluff Korea Ltd. |
|
2 / 2 page ![]() Double-Ended Cordsets BCC M415-A315-3A0-766-PX0334-010 Order Code: BCC0LWN Internet www.balluff.com eCl@ss 9.1: 27-06-03-11 Subject to change without notice: 281116 ETIM 6.0: EC001855 BCC0LWN_0.48_2022-07-15 2 / 2 Remarks Cable construction acc. to UL-AWM Style 20549 Halogen-free per DIN VDE 0472 Part 815 Silicone-free Flame resistance acc. to IEC 60332-2 Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece. Connector Drawings I PIN 1: brown PIN 2: n.c. PIN 3: blue PIN 4: n.c. PIN 5: n.c. II PIN 1: n.c. PIN 2: blue PIN 3: n.c. PIN 4: brown PIN 5: n.c. Wiring Diagrams |