| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LVC245AD bảng dữ liệu(PDF) 13 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC245AD bảng dữ liệu(HTML) 13 Page - Nexperia B.V. All rights reserved |
|
13 / 16 page ![]() Nexperia 74LVC245A; 74LVCH245A Octal bus transceiver; 3-state References Outline version European projection Issue date IEC JEDEC JEITA SOT8020-1 sot8020-1_po Dimensions (mm are the original dimensions) DHXQFN20: plastic, leadless dual in-line compatible thermal enhanced extreme thin quad flat package; no leads; 20 terminals; 0.4 mm pitch; body 2 mm x 3.2 mm x 0.48 mm SOT8020-1 2 mm 0 scale 1 pin1 I.D. 20-09-18 20-09-22 pin 1 index area 19 12 2 9 1 20 11 10 D1 A C B w M E1 A C B u M C v M e (16x) L (20x) A D B E pin 1 index area C 2x C 2x z z X A A1 A3 C C y1 C detail X seating plane y Unit mm max nom min 0.48 0.45 0.42 0.23 0.18 0.13 3.2 2.20 2.15 2.10 0.4 0.35 0.30 0.25 0.2 A 0.05 0.02 0.00 A1 A3 b D D1 0.1 w 0.05 v 0.1 u 0.15 (typ) k e E 2.0 E1 1.00 0.95 0.90 L y1 0.05 y 0.05 z 0.05 b (20x) Fig. 12. Package outline SOT8020-1 (DHXQFN20) 74LVC_LVCH245A All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2021. All rights reserved Product data sheet Rev. 12 — 16 September 2021 13 / 16 |