công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TW3811 bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện TW3811
Giải thích chi tiết về linh kiện  Security Link Over Coax (SLOC) Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW3811 bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  TW3811 Datasheet HTML 1Page - Renesas Technology Corp TW3811 Datasheet HTML 2Page - Renesas Technology Corp TW3811 Datasheet HTML 3Page - Renesas Technology Corp TW3811 Datasheet HTML 4Page - Renesas Technology Corp TW3811 Datasheet HTML 5Page - Renesas Technology Corp TW3811 Datasheet HTML 6Page - Renesas Technology Corp TW3811 Datasheet HTML 7Page - Renesas Technology Corp TW3811 Datasheet HTML 8Page - Renesas Technology Corp TW3811 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TW3811
FN8284 Rev.1.00
Page 2 of 20
Nov 29, 2012
Pin Configuration
TW3811
(100 LD TQFP)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
TW3811-TC1-CR (Notes 1, 2, 3)
TW3811 TC1-CR
-40 to +85
100 Ld TQFP
Q100.12X12A
TW3811-TC1-CR-EVAL
Evaluation Board
NOTES:
1. Add “T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For more information on MSL please see tech brief TB363.
2
3
5
6
RX_D1A
8
VDD_D
9
VSS_D
11 RX_D2A
12 RX_D3A
14 TX_ENA
15
17
18
20
21
23
24
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
1
4
7
10
13
16
19
22
25
TW3811
100-pin TQFP (12x12)
VDD_IO
VSS_IO
MDC
MDIO
RX_DVA
RX_ERA
RX_D0A
NC
VDD_D
VSS_D
VDD_IO
VSS_IO
TX_D0A
TX_D1A
TX_D2A
RX_CLKA
TX_D3A
TX_ERA
TX_CLKA
VDD_IO
VSS_IO
VDD_D
VSS_D
LED_0
LED_1
LED_2
A0
A1
VSS_ADC
COM_ADC
REFN_ADC
REFP_ADC
VDD_ADC
VDD_DRV
LOAD_DRV
COAX_OUT
NC
NC
CVBS_OUT
VDD_TVDR
VSS_DRV
VSS_TVDR
VDD_A
COM_REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20