| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CYT2CL bảng dữ liệu(PDF) 40 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYT2CL bảng dữ liệu(HTML) 40 Page - Infineon Technologies AG |
|
40 / 174 page ![]() 13 Alternate function pin assignments Table 13-1 Alternate pin functions in active power mode [20, 27, 28] Name Active Mapping HCon#8[25] HCon#9 HCon#10 HCon#11 HCon#16 HCon#17 HCon#18 HCon#20 HCon#21 HCon#22 HCon#23 HCon#24 HCon#25 HCon#26 HCon#27 ACT#0[26] ACT#1 ACT#2 ACT#3 ACT#4 ACT#5 ACT#6 ACT#8 ACT#9 ACT#10 ACT#11 ACT#12 ACT#13 ACT#14 ACT#15 P0.0 P0.1 P0.2 EXT_CLK P0.3 P1.0 PWM0_H_0 PWM0_H_15_N TC0_H_14_TR SCB7_CLK (0) SCB7_RX (0) SCB7_SDA (0)[29] FAULT_OUT_ 0 P1.1 PWM0_H_1 PWM0_H_0_N TC0_H_15_TR SCB7_MOSI (0) SCB7_TX (0) SCB7_SCL (0)[29] FAULT_OUT_ 1 P1.2 PWM0_H_2 PWM0_H_1_N TC0_H_0_TR SCB7_MISO (0) SCB7_RTS (0) FAULT_OUT_ 2 P1.3 PWM0_H_3 PWM0_H_2_N TC0_H_1_TR SCB7_SEL0 (0) SCB7_CTS (0) FAULT_OUT_ 3 P1.4 PWM0_H_4 PWM0_H_3_N TC0_H_2_TR SCB7_SEL1 (0) P1.5 PWM0_H_5 PWM0_H_4_N TC0_H_3_TR P1.6 PWM0_H_6 PWM0_H_5_N TC0_H_4_TR P1.7 PWM0_H_7 PWM0_H_6_N TC0_H_5_TR P2.0 PWM0_H_8 PWM0_H_7_N TC0_H_6_TR SCB8_CLK (0) SCB8_RX (0) SCB8_SDA (0)[29] P2.1 PWM0_H_9 PWM0_H_8_N TC0_H_7_TR SCB8_MOSI (0) SCB8_TX (0) SCB8_SCL (0)[29] P2.2 PWM0_H_10 PWM0_H_9_N TC0_H_8_TR LIN0_TX CXPI0_TX CAN0_0_TX SCB8_MISO (0) SCB8_RTS (0) TRIG_DBG[1] P2.3 PWM0_H_11 PWM0_H_10_N TC0_H_9_TR LIN0_RX CXPI0_RX CAN0_0_RX SCB8_SEL0 (0) SCB8_CTS (0) TRIG_IN[1] P2.4 PWM0_H_12 PWM0_H_11_N TC0_H_10_TR LIN0_EN CXPI0_EN CAN0_1_TX SCB8_SEL1 (0) TRIG_IN[2] P2.5 PWM0_H_13 PWM0_H_12_N TC0_H_11_TR CAN0_1_RX TRIG_DBG[0] CAL_SUP_NZ P2.6 PWM0_H_14 PWM0_H_13_N TC0_H_12_TR LIN1_RX CXPI1_RX TRIG_IN[0] P2.7 PWM0_H_15 PWM0_H_14_N TC0_H_13_TR EXT_MUX[0]_0 LIN1_TX CXPI1_TX TRIG_IN[3] P3.0 PWM0_24 PWM0_33_N TC0_32_TR EXT_MUX[0]_1 LIN1_EN CXPI1_EN SCB8_CLK (1) SCB8_RX (1) SCB8_SDA (1)[29] P3.1 PWM0_25 PWM0_24_N TC0_33_TR EXT_MUX[0]_2 SCB8_MOSI (1) SCB8_TX (1) SCB8_SCL (1)[29] P3.2 PWM0_26 PWM0_25_N TC0_24_TR EXT_MUX[0]_EN SCB8_MISO (1) SCB8_RTS (1) TRIG_IN[4] P3.3 PWM0_27 PWM0_26_N TC0_25_TR SCB8_SEL0 (1) SCB8_CTS (1) TRIG_IN[5] Notes 25.High Speed I/O matrix connection (HCon) reference as per Table 10-1. 26.Active Mode ordering (ACT#0, ACT#1, and so on) does not have any impact on choosing any alternate functions; HSIOM module will handle the individual alternate function assignmen 27.Refer to Table 14-1 for more information on pin multiplexer abbreviations used. 28.For any function marked with an identifier (n), the AC timing is only guaranteed within the respective group “n”. 29.See Table 27-10 'Serial Communication Block (SCB) specifications' for supported IO-cells and I2C modes. |