| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICSSSTUAF32869A bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICSSSTUAF32869A bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp |
|
2 / 21 page ![]() ICSSSTUAF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 COMMERCIAL TEMPERATURE GRADE 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 2 ICSSSTUAF32869A 7095/14 Parity Implementation and Device Wiring Block Diagram NOTE: 1.This range does not include D1, D4, and D7, and their corresponding outputs. Register 1 (Front) Register 2 (Back) PARIN PARIN, W4 NC, A8 PPO, W8 NC, A4 PTYERR, W1 NC, A11 PPO, W4 NC, A8 Set C=0 for Register 1, and C=1 for Register 2 PPO RESET CLK CLK DODT QODTA QODTB QCKEA QCKEB R D Q R D Q DCKE PTYERR R D Q Q14A Q14B Q1A Q1B R D Q R D Q VREF PARITY GENERATOR AND CHECKER QCSA QCSB R D Q PARIN D1 D14 DCS0 11 2 2 2 CSR (CS Active) 2 2 (1) (1) (1) |